Selected language     English  ▼


Z-01HS-B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part No. Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 9 page
background image
General-purpose Basic Switch
Z
155
Dimensions
■ General-purpose and Split Contact Models
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions
Terminals
Mounting
All switches can be side mounted using M4 mounting screws with
plane washers or spring washers to securely mount the Switch.
Tighten the screws to a torque of 1.18 to 1.47 N·m.
Versions with panel mount plungers can be panel mounted via the
plunger, provided that the hexagonal nut of the actuator is tightened
to a torque of 2.94 to 4.9 N·m.
Note: Mount using either the side mounting holes or the panel mount
plunger, not both. If using the side mounting holes, then remove
the hexagonal nut(s) from the panel mount plunger.
General-purpose Models
Split-contact Models
Note: With reverse action models (Z-15GM), the positions of NO and NC terminals are reversed.
COM
NO
NC
13
2
49.2
17.45±0.2
Three, M4
× 5.5
Terminal screws
(with toothed
washer)
9.2
20
20
Screw Terminals (-B)
Appropriate terminal screw tightening
torque: 0.78 to 1.18 N·m.
COM
NO
NC
1
2
3
11.9
25.4±0.1
6.4
49.2
17.45±0.2
Solder Terminal (Blank)
17.45±0.2
Five, M3.5
× 5.5
terminal screws
(with toothed
washer)
5.6
23
17.1
11.9
Screw Terminals (Y-B)
Appropriate terminal screw tightening torque:
0.49 to 0.78 N·m.
Note: With reverse action models (Z-10FM),
the positions of NO and NC terminals
are reversed.
25.4±0.1
Two, 4.2 dia. mounting holes or M4
12.5
dia.
+0.2
0
12.5
dia.
+0.2
0
13 +0.2
0
5 +0.2
0
Panel Mount Roller Plunger
Panel Mount Plunger
Accessories (Terminal Covers, Actuators, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl