Selected language     English  ▼


Z-01HS-B Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 11 page
background image
General-purpose Basic Switch
Z
157
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4±0.1
23.3±0.25
17.45±0.2
OP
PT
8.35 dia.
11.9SR
*1
*1. Stainless-steel plunger
*2. Two hexagonal nuts (2 t
× 14 width across flats)
*3. Two lock nuts (2 t
× 15.6 width across flats)
*4. Incomplete screw part with a maximum length
of 1.5 mm.
*4
16.3
13.1
*2
*3
M12
× 1
mounting screw
16 dia.
9.2
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Panel Mount Plunger
Z-15GQ-B
Z-01HQ-B
Z-15HQ-B
Z-10FQY-B
Z-15EQ-B
Z-15GQ3-B *
Z-15GQ8-B *
* The external
dimensions of the
actuator vary.
Note: 1. Do not use the M12 mounting
screw and the case mounting hole
at the same time, or excessive
pulling force will be imposed on
the switch and the case and cover
may be damaged.
2. On the model Z-15GQ3-B, PT
can be set to a value larger than
that for the Z-15GQ.
3. On the model Z-15GQ8-B,
operating position can be adjust-
ed by providing a screw in the
plunger section.
4. On the model Z-15GQ8-B, the
M3 hole with a depth of 10 mm is
a through hole. Take precautions
so that no water or screw lock
agent penetrates into the hole.
Model
Z-15GQ-B
Z-15HQ-B
Z-15EQ-B
Z-01HQ-B
Z-10FQY-B
Z-15GQ3-B
Z-15GQ8-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
5.5 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
5.5 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
5.5 mm
0.13 mm
250 gf max.
80 gf
0.5 mm
5.5 mm
0.05 mm
455 to 740 gf
114 gf
0.8 mm
5.5 mm
0.1 mm
250 to 350 gf
114 gf
4.2 mm
2.5 mm
2.2 mm
250 to 350 gf
114 gf
0.5 mm
5.5 mm
0.05 mm
OP
21.8
±0.8 mm
18.8
±0.8 mm
32.5
±1 mm
49.2
11.9
25.4±0.1
23.3±0.25
OP
PT
*1. Stainless-steel roller
*2. Two hexagonal nuts (3 t
× 17 width across flats)
*3. Incomplete screw part with a maximum length of 1.5 mm.
17.45±0.2
4.36
dia.
+0.1
-0.05
*3
16.3
15.5
*2
12.7 dia.
× 4.8 *1
16 dia.
M12
× 1
mounting
screw
9.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Panel Mount Roller Plunger
Z-15GQ22-B
Z-15EQ22-B
Z-15HQ22-B
Z-10FQ22Y-B
Model
Z-15GQ22-B
Z-15HQ22-B
Z-15EQ22-B
Z-10FQ22Y-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
3.58 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
3.58 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
3.58 mm
0.13 mm
455 to 740 gf
114 gf
1 mm
3.55 mm
0.1 mm
OP
33.4
±1.2 mm
Note: Do not use the M12 mounting screw
and the case mounting hole at the same
time, or the case may be damaged.
49.2
11.9
25.4±0.1
23.3±0.25
17.45±0.2
OP
PT
*1. Stainless-steel roller
*2. Two hexagonal nuts (3 t
× 17 width
across flats)
*3. Incomplete screw part with a maximum
length of 1.5 mm.
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
*3
16.3
15.5
*2
12.7 dia.
× 4.8 *1
16 dia.
M12
× 1
mounting
screw
9.2
Panel Mount Cross Roller Plunger
Z-15GQ21-B
Z-15EQ21-B
Z-15HQ21-B
Model
Z-15GQ21-B
Z-15HQ21-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
3.58 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
3.58 mm
0.025 mm
OP
33.4
±1.2 mm
Model
Z-15EQ21-B
OF
RF min.
PT max.
OT min.
MD max.
625 to 800 gf
114 gf
0.8 mm
3.58 mm
0.13 mm
OP
33.4
±1.2 mm
Note: Do not use the M12 mounting screw and
the case mounting hole at the same time,
or the case may be damaged.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl