Selected language     English  â–Ľ


Z-01HS-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 2 page
background image
148
General-purpose Basic Switch
Z
â–  Model Number Legend
Basic Models
Split-contact Models
Maintained-contact models
Drip-proof with Molded Terminal Models
Z -
-
3 4
5
2
1
1. Ratings
01: 0.1 A (micro load)
15: 15 A
2. Contact Gap
H2: 0.20 mm
(extra-high sensitivity)
H:
0.25 mm
(high-sensitivity,
micro load)
G: 0.5 mm
E: 1.8 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
D:
Short spring plunger
K:
Spring plunger (medium OP)
K3:
Spring plunger (high OP)
Q3:
Panel mount plunger (low OP)
Q:
Panel mount plunger
(medium OP)
Q8:
Panel mount plunger (high OP)
Q22: Panel mount roller plunger
Q21: Panel mount cross roller plunger
L:
Leaf spring (high OF)
L2:
Roller leaf spring
W21: Short hinge lever
W:
Hinge lever (low OF)
W3:
Hinge lever (medium OF)
W32: Hinge lever (high OF)
W4:
Low-force hinge lever
W44:
Long hinge lever
W78:
Low-force wire
hinge lever (low OF)
W52:
Low-force wire
hinge lever (high OF)
W22:
Short hinge roller lever
W2:
Hinge roller lever
W25:
Hinge roller lever
(large roller)
W49:
Short hinge
cross roller lever
W54:
Hinge cross roller lever
W2277: Unidirectional short hinge
roller lever (low OF)
M:
Reverse hinge lever
M22:
Reverse short hinge roller lever
M2:
Reverse hinge roller lever
NJ:
Flexible rod (high OF)
NJS:
Flexible rod (low OF)
4. Degree of Protection
None: General-purpose
55:
Drip-proof
A55:
Drip-proof
(including terminals)
5. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)
B5V: Screw terminal with
terminal cover
(for Z-15G
@A55 only)
Z - 10 F
Y - B
3 4
5
2
1
1. Ratings
10: 10 A (split-contact models)
2. Contact Gap
F:
1 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
D:
Short spring plunger
Q:
Panel mount plunger
Q22: Panel mount roller plunger
W:
Hinge lever
W22: Short hinge roller lever
W2:
Hinge roller lever
M22:
Reverse short hinge roller lever
4. Construction
Y:
Split-contact type
5. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)
Z - 15 E
R
3 4
2
1
1. Ratings
15: 15 A
2. Contact Gap
E:
1.8 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
W:
Hinge lever
4. Construction
R:
Maintained-contact
models
Z -
55 - M
M
2 3
4
1
1. Drip-proof model
(Insert model number of basic,
drip-proof version with solder terminals)
2. Lead Outlets
None: VSF
E:
VCT
3. Direction of Lead Outlets
L:
Left
R:
Right
D:
Descending
4. Length of Leads
1:
1 m
3:
3 m
L type
D type
R type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl