Selected language     English  ā–¼


Z-01HS-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 3 page
background image
General-purpose Basic Switch
Z
149
Ordering Information
Basic Models (General-purpose)
Actuator
Classification
Standard
High-sensitivity
Extra-high
sensitivity
High-capacity
Micro load
Contact gap
G (0.5 mm)
H (0.25 mm)
H2 (0.20 mm)
E (1.8 mm)
H (0.25 mm)
Terminal *1
Model
Model
Model
Model
Model
Pin plunger
Z-15G
Z-15H
Z-15H2
Z-15E
Z-01H
Z-15G-B
Z-15H-B
Z-15H2-B
Z-15E-B
Z-01H-B
Slim spring plunger
Z-15GS
Z-15HS
---
---
Z-01HS
Z-15GS-B
Z-15HS-B
Z-01HS-B
Short spring
plunger
Z-15GD
Z-15HD
---
Z-15ED
Z-01HD
Z-15GD-B
Z-15HD-B
Z-15ED-B
Z-01HD-B
Panel mount
plunger
Low OP
Z-15GQ3
---
---
---
---
Z-15GQ3-B
Medium
OP
Z-15GQ
Z-15HQ
Z-15EQ
Z-01HQ
Z-15GQ-B
Z-15HQ-B
Z-15EQ-B
Z-01HQ-B
High OP
Z-15GQ8
---
---
---
Z-15GQ8-B
Panel mount roller
plunger
Z-15GQ22
Z-15HQ22
---
Z-15EQ22
---
Z-15GQ22-B
Z-15HQ22-B
Z-15EQ22-B
Panel mount cross
roller plunger
Z-15GQ21
Z-15HQ21
---
Z-15EQ21
---
Z-15GQ21-B
Z-15HQ21-B
Z-15EQ21-B
Leaf spring
Z-15GL
---
---
---
---
Z-15GL-B
Roller leaf spring
Z-15GL2
---
---
---
---
Z-15GL2-B
Short hinge lever
Z-15GW21
---
---
---
---
Z-15GW21-B
Hinge lever
Low OP
Z-15GW
Z-15HW
---
---
---
Z-15GW-B
Z-15HW-B
Medium
OP
Z-15GW3
---
Z-15GW3-B
High OP
Z-15GW32
Z-15GW32-B
Low-force hinge
lever
Z-15GW4
Z-15HW24
---
---
---
Z-15GW4-B
Z-15HW24-B
Low- force
wire hinge
lever
Low OP
---
Z-15HW78
---
---
---
Z-15HW78-B
High OP
Z-15HW52
Z-15HW52-B
Short hinge roller
lever
Z-15GW22
Z-15HW22
---
Z-15EW22
Z-01HW22
Z-15GW22-B
Z-15HW22-B
Z-15EW22-B
Z-01HW22-B
Short hinge cross
roller lever
Z-15GW49
---
---
---
---
Z-15GW49-B
Hinge roller
lever
Standard
Z-15GW2
Z-15HW2
---
---
---
Z-15GW2-B
Z-15HW2-B
Large roller
Z-15GW25
---
---
---
Z-15GW25-B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl