Selected language     English  ▼


Z-01HD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. Z-01HD
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 1 page
background image
General-purpose Basic Switch
Z
147
General-purpose Basic Switch
Z
Best-selling Basic Switch Boasting High
Precision and Wide Variety
• A large switching capacity of 15 A with high repeat accuracy.
• A wide range of variations in contact form for your selection:
basic, split-contact and maintained-contact.
• A series of standard models for micro loads is available.
• A series of molded terminal-type models incorporating
safety terminal protective cover is available.
Model Number Structure
Available types
• A variety of actuators is available for a wide range of application.
• The contact mechanism of models for micro loads is a crossbar
type with gold-alloy contacts, which ensures highly reliable
operations for micro loads.
• Contact Gap:
H2:
0.20 mm (extra-high-sensitivity)
H:
0.25 mm (high-sensitivity, micro voltage current load)
G:
0.5 mm (standard)
E:
1.8 mm (high-capacity)
F:
1.0 mm (split-contact models)
• These Switches use a rubber boot on the actuator and adhesive fill
between the case and cover to increase resistance to drips.
• Models with drip-proof terminal protective covers and molded
terminals with resin filling are also available.
• This type is identical in construction to the general-purpose basic
switch except that it has two pairs of simultaneous acting contacts
by splitting moving contacts.
• Since the moving contacts are connected to a common terminal,
either parallel or series connection is possible.
• Highly reliable micro load switching is ensured if the model is used
as a twin-contact switch.
• The maintained-contact type has a reset button at the bottom of the
switch case, in addition to the pushbutton (plunger) located on the
opposite side of the reset button. Use these buttons alternately.
• Since the Switch has greater pretravel than overtravel, it is suitable
for use in reversible control circuits, manual reset circuits, safety
limit circuits, and other circuits which are not preferable for
automatic resetting. (For further details, refer to individual
datasheets.)
Basic models
Split-contact models
Maintained-contact models
General-purpose
Without terminal protective cover
With terminal protective cover
Molded terminal
General-purpose
Drip-proof
General-purpose
General-purpose
Drip-proof
Basic Models
Split-contact Models
Maintained-contact Models




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl