Selected language     English  ā–¼


Z-01HD-B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. Z-01HD-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 4 page
background image
150
General-purpose Basic Switch
Z
*1.
: Solder terminal
: Screw terminal
*2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers
are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally
pressed.
Split-contact Models
Maintained-contact Models
*1.
: Solder terminal
: Screw terminal
*2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers
are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally
pressed.
Hinge cross roller
lever
Z-15GW54
---
---
---
---
Z-15GW54-B
Unidirectional
short hinge roller
lever
Parallel
Z-15GW2277
---
---
---
---
Z-15GW2277-B
Reverse hinge lever
*2
Z-15GM
---
---
---
---
Z-15GM-B
Reverse short hinge
roller lever *2
Z-15GM22
---
---
---
---
Z-15GM22-B
Reverse hinge
roller lever *2
Z-15GM2
---
---
---
---
Z-15GM2-B
Actuator
Classification
Standard
High-sensitivity
Extra-high
sensitivity
High-capacity
Micro load
Contact gap
G (0.5 mm)
H (0.25 mm)
H2 (0.20 mm)
E (1.8 mm)
H (0.25 mm)
Terminal *1
Model
Model
Model
Model
Model
Contact gap
F (1.0 mm)
Actuator
Terminal *1
Model
Pin plunger
---
Z-10FY-B
Slim spring plunger
---
Z-10FSY-B
Short spring plunger
---
Z-10FDY-B
Panel mount plunger
---
Z-10FQY-B
Panel mount roller
plunger
---
Z-10FQ22Y-B
Hinge lever
---
Z-10FWY-B
Short hinge roller
lever
---
Z-10FW22Y-B
Hinge roller lever
---
Z-10FW2Y-B
Reverse short hinge
roller lever *2
---
Z-10FM22Y-B
Actuator
Model
Pin plunger
Z-15ER
Slim spring plunger
Z-15ESR
Hinge lever
Z-15EWR




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl