Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3V-21G4MK-2A4-W2KE Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D3V-21G4MK-2A4-W2KE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-21G4MK-2A4-W2KE Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D3V-21G4MK-2A4-W2KE Datasheet HTML 3Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 4Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 5Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 6Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 7Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 8Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 9Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 10Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Miniature Basic Switch
D3V
79
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength values shown in the table are for models with a Separator.
3. For plunger models, the above values apply for use at both the free position and total travel position. For lever models, they apply at the
total travel position.
4. For testing conditions, contact your OMRON sales representative.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60%
60) reliability level
(JIS C5003). The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
■ Contact Form
Operating speed
0.1 mm to 1 m/s (plunger models)
Operating frequency
Mechanical: 600 operations/min
Electrical: 60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
D3V-21:
50 m
Ω max.
D3V-16, D3V-11, D3V-6:
30 m
Ω max.
D3V-01, 50 gf versions:
50 m
Ω max.
25 gf versions:
100 m
Ω max.
Dielectric strength (see note 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 3)
Destruction: 400 m/s2 (approx. 40G) max.
Malfunction: 100 m/s2 (approx. 10G) max.
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical: D3V-21:
50,000 operations min.
D3V-16:
100,000 operations min.
D3V-11:
200,000 operations min.
D3V-6, D3V-01:
500,000 operations min.
Degree of protection
IEC IP40
Degree of protection against electric shock Class I
Proof tracking index (PTI)
250 (High Temperature type with suffix “-T”: 175)
Ambient operating temperature
D3V-21:
-25
°C to 85°C with no icing
D3V-16:
-25
°C to 105°C (High Temperature type “H”: -25°C to 125°C) with no icing
D3V-11:
-25
°C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 155°C) with no icing
D3V-6:
-25
°C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 200°C) with no icing
D3V-01:
-25
°C to 85°C (High Temperature type “T”: -25°C to 200°C) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 6.2 g (plunger models)
Item
D3V-21
D3V-16
D3V-11
D3V-6
D3V-01
Contact
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap
(standard value)
0.5 mm
1 mm (F gap type) or 0.5 mm (G gap type)
1.0 mm
Inrush current
NC
50 A max.
40 A max.
24 A max.
15 A max.
---
NO
Minimum applicable load
160 mA at 5 VDC
1 mA at 5 VDC
SPDT
SPST-NC
SPST-NO
COM
NC
NO
COM
NC
COM
NO


Similar Part No. - D3V-21G4MK-2A4-W2KE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-21 OMRON-D3V-21 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-21G4MK-2A4-W2KE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com