Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS5G-D4S7 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XS5G-D4S7
Description  Round Water-resistant Connectors (M12)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS5G-D4S7 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XS5G-D4S7 Datasheet HTML 5Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 6Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 7Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 8Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 9Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 10Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 11Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 12Page - Omron Electronics LLC XS5G-D4S7 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Round Water-resistant Connectors (M12)
XS5
131
Ordering Information
■ XS5U
(Crimping pin for XS5C)
Dimensions
(Unit: mm)
Ordering Information
No. of Poles
Connection
Method
Suitable cable dia.
(mm)
Model
Standard pack
quantity
Straight
Angled
4
Crimping
6 mm (5 to 6)
XS5C-D4C1
XS5C-D4C2
10
4 mm (4 to 5)
XS5C-D4C3
XS5C-D4C4
3 mm (3 to 4)
XS5C-D4C5
XS5C-D4C6
Soldering
6 mm (5 to 6)
XS5C-D421
XS5C-D422
4 mm (4 to 5)
XS5C-D423
XS5C-D424
3 mm (3 to 4)
XS5C-D425
XS5C-D426
Screw-on
6 mm (5 to 6)
XS5C-D4S1
XS5C-D4S2
4 mm (4 to 5)
XS5C-D4S3
XS5C-D4S4
3 mm (3 to 4)
XS5C-D4S5
XS5C-D4S6
8 mm (7 to 8)
XS5C-D4S7
7 mm (6 to 7)
XS5C-D4S9
5Screw-on
6 mm (5 to 6)
XS5C-D5S1
4 mm (4 to 5)
XS5C-D5S3
3 mm (3 to 4)
XS5C-D5S5
8 mm (7 to 8)
XS5C-D5S7
7 mm (6 to 7)
XS5C-D5S9
Suitable core size (mm2)
Model
Standard Pack
Quantity
0.18 to 0.3
XS5U-2221
100
0.5 to 0.75
XS5U-2222
Slit
2.3 dia.
2 dia.
C dia.
1.5
B
A
Dimensions
Model
Suitable core
size (mm2)
Dimension (mm)
No. of
slits
ABC
XS5U-2221
0.18 to 0.3
(22 to 24 AWG)
16.7
6.1
0.8
1
XS5U-2222
0.5 to 0.7
(18 to 20 AWG)
16.8
6.2
1.3
0
XS5U-222
@
Socket Pin
Note: 1. A special tool must be used for crimping. For details, refer to the “XS5/XS2 - Assembly Tooling and Accessories” datasheet.
2. AWG size is based on UL1007 wire.


Similar Part No. - XS5G-D4S7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Schneider Electric
XS506B1 SCHNEIDER-XS506B1 Datasheet
1Mb / 32P
   OsiSense®XS Inductive sensors
June 2010
XS506B1NAL2 SCHNEIDER-XS506B1NAL2 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
XS506B1NAL2 SCHNEIDER-XS506B1NAL2 Datasheet
1Mb / 32P
   OsiSense®XS Inductive sensors
June 2010
XS506B1NAM8 SCHNEIDER-XS506B1NAM8 Datasheet
1Mb / 33P
   Helping you to fi nd the most effi cient solution
More results

Similar Description - XS5G-D4S7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com