Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSTG25HTT12 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSTG25HTT12
Description  Powerline N-Channel Trench Gate-IGBT Triple Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSTG25HTT12 Datasheet(HTML) 2 Page - Powersem GmbH

  PSTG25HTT12 Datasheet HTML 1Page - Powersem GmbH PSTG25HTT12 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSTG 25HTT12
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol Test Conditions
Characteristic Value
typ.
max.
ICES
VCE = VCES, VGE = 0 V, TVJ = 25°C
0.6
mA
TVJ = 125°C
3
mA
IGES
VCE = 0 V, VGE = ±20 V
1.5
µA
VCE(sat)
IC = 25A, VGE = 15 V
TVJ = 25°C
1.9
2.3
V
TVJ = 125°C
2.1
V
VGE(th)
IC = 10A, VGE = VCE
min. 3
5
V
td(on)
170
ns
tr
Inductive load, TVJ = 125°C
17
ns
td(off)
VCE = 50% VCEs, IC = 25 A
340
ns
tf
RG = 5 Ω, VGE = ±15 V
60
ns
Eon
2
mJ
Eoff
3.5
mJ
Cies
VCE = 75 V, VGE = 15 V, f= 1 MHz
12000
pF
Coes
VCE = 75 V, VGE = 15 V, f= 1 MHz
510
pF
Cies
VCE = 75 V, VGE = 15 V, f= 1 MHz
75
pF
RthJC
0.96
K/W
RthJS
with heat transfer paste
tbd
K/W
NTC
25
°C
470
k
Package style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSTG25HTT12

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate- IGBT Triple Module
More results

Similar Description - PSTG25HTT12

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate- IGBT Triple Module
logo
Meder Electronic
PSTG25HDT MEDER-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate IGBT Module
logo
Powersem GmbH
PSTG75HST POWERSEM-PSTG75HST Datasheet
152Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HDT12 POWERSEM-PSTG25HDT12 Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG75HST12 POWERSEM-PSTG75HST12 Datasheet
147Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG50HST12 POWERSEM-PSTG50HST12 Datasheet
143Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HDT POWERSEM-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG50HST POWERSEM-PSTG50HST Datasheet
143Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
logo
Dynex Semiconductor
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
   Powerline N-Channel Dual Switch IGBT Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com