Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD43F-12 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD43F-12
Description  Three Phase Rectifier Bridge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD43F-12 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD43F-12 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Three Phase
PSD 43F
I
dAV
= 40 A
Rectifier Bridge
V
RRM
= 800 - 1200 V
with fast Recovery Epitaxial Diode (FRED)
trr
= 40 ns
Preliminary Data Sheet
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Supplies for DC power equipment
Input and output rectifier for high
frequency
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Low noise switching
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Data according to IEC 60747 refer to a single diode unless otherwise stated
*- for resistive load at bridge output
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
~
A
K
~H
~N
-
+
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 85 °C,
(per module)
40
A
I
dAVM
90
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
90
A
V
R = 0
t = 8.3 ms (60 Hz), sine
100
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
75
A
V
R = 0
t = 8.3 ms (60 Hz), sine
85
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
40
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
40
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
30
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
30
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3000
V
M
d
Mounting torque
(M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
16
g
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
0.5
mA
V
R = VRRM, TVJ = 25°C
0
.1
mA
V
F
I
F = 15 A,
T
VJ = 25 °C
2.73
V
V
TO
For power-loss calculations only
1.32
V
r
T
30
m
R
thJC
per diode; DC
1.6
K/W
per module
0.27
K/W
R
thJK
per diode; DC
1.9
K/W
per module
0.32
K/W
I
RM
I
F=25A; -diF/dt=100A/µs; VR=100V
typ. 5
A
L
=0.05 mH; T
VJ= 100°C
t
rr
I
F=1A; -diF/dt=100A/µs; VR=30V;
typ. 40
ns
T
VJ= 25°C
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s²
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
800
800 PSD 43F/08
1200 1200 PSD 43F/12


Similar Part No. - PSD43F-12

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD43F-06 POWERSEM-PSD43F-06 Datasheet
160Kb / 1P
   Three Phase Rectifier Bridge
More results

Similar Description - PSD43F-12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
   Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
   Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A_15 Datasheet
100Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
   THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
   Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com