Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCMC34072 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCMC34072
Description  HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCMC34072 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCMC34072 Datasheet HTML 1Page - Unisonic Technologies UTCMC34072 Datasheet HTML 2Page - Unisonic Technologies UTCMC34072 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCMC34072
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-007,A
HIGH SLEW RATE, WIDE
BANDWIDTH, SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
DESCRIPTION
The UTC MC34072 offer 4.5MHz of gain bandwidth
product, 13V/
µs slew rate and fast setting time without
the use of JFET device technology. Although it can be
operated from split supplies, it is particularly suited for
single supply operation, since the common mode input
voltage range includes ground potential (VEE). With A
Darlington input stage, it exhibits high input resistance,
low input offset voltage and high gain. The all NPN
output stage, characterized by no deadband crossover
distortion and large output voltage swing, provides
high capacitance drive capability, excellent phase and
gain margins, low open loop high frequency output
impedance and symmetrical source/sink AC frequency
response.
FEATURES
*Wide bandwidth: 4.5 MHz
*High slew rate: 13V/
µs
*Fast settling time:1.1
µs to 0.1%
*Wide single supply operation: 3.0V to 44V
*Wide input common mode voltage range:
Includes Ground (VEE)
*Low input offset voltage: 3.0mV maximum
*Large output voltage swing: -14.7V to +14V
(with +-15V supplies)
*Large Capacitance Drive Capability:0 pF to 10,000 pF
*Low total harmonic distortion: 0.02%
*Excellent phase margin: 60
°
*Excellent gain margin: 12dB
*Output short circuit protection
*ESD Diodes/Clamps provide input protection
DIP-8
SOP-8
PING CONFIGURATIONS
1
2
3
4
7
6
5
Input 2
Input 1
Output 1
Input 2
8
Input 1
VCC
VEE
Output 2


Similar Part No. - UTCMC34072

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34063 UTC-UTCMC34063 Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
More results

Similar Description - UTCMC34072

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_05 Datasheet
282Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_15 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com