Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT71A3324 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT71A3324
Description  TinyPower LDO with Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71A3324 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT71A3324 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71A3324 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71A3324 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71A3324 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71A3324 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71A3324 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package Information
5-pin SOT89 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
¾
0.181
B
0.055
¾
0.071
C
0.091
¾
0.102
D
0.035
¾
0.043
E
0.155
¾
0.167
F
0.013
¾
0.020
G
0.014
¾
0.022
H
¾
1.52
¾
H1
0.114
¾
0.122
I
0.055
¾
0.063
J
0.014
¾
0.017
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
¾
4.60
B
1.40
¾
1.80
C
2.31
¾
2.59
D
0.89
¾
1.09
E
3.94
¾
4.24
F
0.33
¾
0.51
G
0.36
¾
0.56
H
¾
1.52
¾
H1
2.90
¾
3.10
I
1.40
¾
1.60
J
0.36
¾
0.43
HT71AXXXX
Rev. 1.00
5
December 29, 2009
A
E
C
D
G
F
I
J
B
H
H 1


Similar Part No. - HT71A3324

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7121-1 HOLTEK-HT7121-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7121-2 HOLTEK-HT7121-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT7123-1 HOLTEK-HT7123-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7123-2 HOLTEK-HT7123-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
More results

Similar Description - HT71A3324

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT70XXA-1 HOLTEK-HT70XXA-1 Datasheet
161Kb / 16P
   TinyPower Voltage Detector
HT45B1S HOLTEK-HT45B1S Datasheet
1Mb / 9P
   IGBT Driver with LDO and Voltage Detector
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Holtek Semiconductor In...
HT67F86A HOLTEK-HT67F86A Datasheet
8Mb / 213P
   TinyPower A/D Flash MCU with LCD
HT9291 HOLTEK-HT9291 Datasheet
122Kb / 14P
   TinyPower Operation Amplifier
HT9291_1010 HOLTEK-HT9291_1010 Datasheet
158Kb / 14P
   TinyPower Operation Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com