Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F40 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
Download  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 246 page
background image
Pin Description
With the exception of the power pins, all pins on these devices can be referenced by their Port name, e.g. PA.0, PA.1
etc, which refer to the digital I/O function of the pins. However these Port pins are also shared with other function such
as the Analog to Digital Converter, Serial Port pins etc. The function of each pin is listed in the following table, however
the details behind how each pin is configured is contained in other sections of the datasheet.
The following tables only include the pins which are directly related to the MCU. The pin descriptions of the additional
peripheral functions are located at the end of the datasheet along with the relevant peripheral function functional de-
scription.
HT66F20
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB5
Port B
PBPU
ST
CMOS
¾
PC0~PC3
Port C
PCPU
ST
CMOS
¾
AN0~AN7
ADC input
ACERL
AN
¾
PA0~PA7
VREF
ADC reference input
ADCR1
AN
¾
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
¾
PA3, PC3
C0+, C1+
Comparator 0, 1 input
AN
¾
PA2, PC2
C0X, C1X
Comparator 0, 1 output
¾
CMOS
PA0, PA5
TCK0, TCK1
TM0, TM1 input
¾
ST
¾
PA2, PA4
TP0_0
TM0 I/O
TMPC0
ST
CMOS
PA0
TP1_0, TP1_1
TM1 I/O
TMPC0
ST
CMOS
PA1, PC0
INT0, INT1
Ext. Interrupt 0, 1
¾
ST
¾
PA3, PA4
PINT
Peripheral Interrupt
¾
ST
¾
PC3
PCK
Peripheral Clock output
¾¾
CMOS
PC2
SDI
SPI Data input
¾
ST
¾
PA6
SDO
SPI Data output
¾¾
CMOS
PA5
SCS
SPI Slave Select
¾
ST
CMOS
PB5
SCK
SPI Serial Clock
¾
ST
CMOS
PA7
SCL
I
2C Clock
¾
ST
NMOS
PA7
SDA
I
2C Data
¾
ST
NMOS
PA6
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0, PC1, PC2, PC3
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
XT1
LXT pin
CO
LXT
¾
PB3
XT2
LXT pin
CO
¾
LXT
PB4
RES
Reset input
CO
ST
¾
PB0
VDD
Power supply *
¾
PWR
¾¾
AVDD
ADC power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
AVSS
ADC ground **
¾
PWR
¾¾
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
7
February 1, 2010


Similar Part No. - HT66F40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F40 HOLTEK-HT66F40 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F40 HOLTEK-HT66F40 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F40 HOLTEK-HT66F40 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F40 HOLTEK-HT66F40 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F40 HOLTEK-HT66F40 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66F40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com