Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232726BL8-K Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMD232726BL8-K
Description  Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232726BL8-K Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMD232726BL8-K Datasheet HTML 1Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 2Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 3Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 4Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 5Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD232726BL8-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Rev. 0.1/Oct. 02
5
HYMD232726B(L)8-M/K/H/L
AC OPERATING TEST CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.31
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.31
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)50
W
Series Resistor (RS)25
W
Output Load Capacitance for Access Time Measurement (CL)30
pF


Similar Part No. - HYMD232726BL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232726B8J-D4 HYNIX-HYMD232726B8J-D4 Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726B8J-D43 HYNIX-HYMD232726B8J-D43 Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726B8J-J HYNIX-HYMD232726B8J-J Datasheet
231Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD232726BL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com