Electronic Components Datasheet Search |
|
PSKD200E-06 Datasheet(PDF) 1 Page - Powersem GmbH |
|
PSKD200E-06 Datasheet(HTML) 1 Page - Powersem GmbH |
|
1 / 1 page POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20 2003 POWERSEM reserves the right to change limits, test conditions and dimensions Fast Recovery PSKD 200E IFAV = 408 A Epitaxial Diode VRRM = 200-600V (FRED) Module Preliminary Data Sheet VRSM V VRRM V Type 200 200 PSKD 200E/02 400 400 PSKD 200E/04 600 600 PSKD 200E/06 Symbol Test Conditions Maximum Ratings IFAV TC = 70°C 408 A IFSM TVJ = 45°C t = 10 ms (50 Hz), sine 4000 A VR = 0 t = 8.3 ms (60 Hz), sine 4400 A TVJ = TVJM t = 10 ms (50 Hz), sine 3600 A VR = 0 t = 8.3 ms (60 Hz), sine 3900 A ∫ i2 dt TVJ = 45°C t = 10 ms (50 Hz), sine 80000 A 2 s VR = 0 t = 8.3 ms (60 Hz), sine 80300 A 2 s TVJ = TVJM t = 10 ms (50 Hz), sine 64800 A 2 s VR = 0 t = 8.3 ms (60 Hz), sine 63100 A 2 s TVJ -40 ... + 150 °C TVJM 150 °C Tstg -40 ... + 125 °C VISOL 50/60 HZ, RMS t = 1 min 2500 V ∼ IISOL ≤ 1 mA t = 1 s 3000 V ∼ Md Mounting torque (M6) 5 Nm Terminal connection torque (M6) 5 Nm Weight typ. 270 g Symbol Test Conditions Characteristic Value IR VR = VRRM TVJ = 25°C ≤ 5.0 mA VR = VRRM TVJ = TVJM ≤ 30 mA VF IF = 200 A TVJ = 25°C ≤ 1.25 V trr TVJ = 25°C typ. 150 ns VTO For power-loss calculations only 0.25 V rT TVJ = TVJM 0.43 m Ω RthJC per diode; DC current 0.28 K/W per module 0.14 per diode; DC current 0.38 K/W RthJH per module 0.19 dS Creeping distance on surface 10 mm dA Creeping distance in air 9.4 mm a Max. allowable acceleration 50 m/s 2 Features • Package with screw terminals • Isolation voltage 3000 V∼ • Planar glasspassivated chips • Short recovery time • Low forward voltage drop • Short recovery behaviour • UL registered, E 148688 Applications • Inductive heating and melting • Free wheeling diode in converters and motor control circuits • Uninterruptible power supplies (UPS) • Ultrasonic cleaners and welders Advantages • High reliability circuit operation • Low voltage peaks for reduced protection circuits • Low noise switching • Low losses Package, style and outline Dimensions in mm (1mm = 0.0394“) |
Similar Part No. - PSKD200E-06 |
|
Similar Description - PSKD200E-06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |