Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHMB300BS12 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PHMB300BS12
Description  IGBT 300 A 1200 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB300BS12 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PHMB300BS12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHMB300BS12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHMB300BS12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
─ 403 ─
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2
Collector Current IC (A)
tOFF
tf
tr(V
CE)
tON
VCC=600V
RG=5.1
VGE=±15V
TC=25°C
Resistive Load
Fig. 7 Collector Current
Fig. 7 vs. Switching Time(Typical)
310
30
50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
VCC=600V
IC=300A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
Fig. 10 Series Gate Impedance vs. Switching Time
0123
4
0
100
200
300
400
500
600
Forward Voltage VF (V)
(Typical)
TC=25°C
TC=125°C
Fig. 13 Forward Characteristics of Free
Fig. 13 Wheeling Diode(Typical)
10
-5
10
-4
10
-3
10
-2
10
-1
110
1
3x10
-4
1x10
-3
3x10
-3
1x10
-2
3x10
-2
1x10
-1
3x10
-1
1
Time t (s)
Fig.16- Transient Thermal Impedance
TC=25°C
1 Shot Pulse
FRD
IGBT
Fig. 16 Transient Thermal Impedance
310
30
0.03
0.1
0.3
1
3
5
Series Gate Impedance RG ( )
VCC=600V
IC=300A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
Fig. 8 Series Gate Impedance
Fig. 8 vs. Switching Time(Typical)
0
100
200
300
400
500
0
20
40
60
80
100
120
Collector Current IC (A)
EOFF
EON
VCC=600V
RG=5.1
VGE=±15V
TC=125°C
Inductive Load
ERR
Fig. 11 Collector Current vs. Switching Loss
0
600
1200
1800
2400
10
-di/dt (A/µs)
IRrM
trr
IF=300A
TC=25°C
TC=125°C
Fig. 14 Reverse Recovery
Fig. 14 Characteristics (Typical)
0
50
100
150
200
250
300
350
0.01
0.03
0.1
0.3
1
3
10
Collector Current IC (A)
tOFF
tf
tr(Ic)
tON
VCC=600V
RG=5.1
VGE=±15V
TC=125°C
Inductive Load
Fig. 9 Collector Current vs. Switching Time
310
30
10
30
100
300
Series Gate Impedance RG ( )
EOFF
EON
VCC=600V
IC=300A
VGE=±15V
TC=125°C
Inductive Load
ERR
Fig. 12 Series Gate Impedance vs. Switching Loss
0
200
400
600
800
1000
1200
1400
0.1
0.3
1
3
10
30
100
300
1000
2000
Collector to Emitter Voltage V CE (V)
RG=5.1 , VGE=±15V, TC=125°C
Fig. 15 Reverse Bias Safe Operating Area


Similar Part No. - PHMB300BS12

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PHMB300BS12 NI-PHMB300BS12 Datasheet
276Kb / 3P
   IGBT
PHMB300BS12 NI-PHMB300BS12_15 Datasheet
276Kb / 3P
   IGBT
More results

Similar Description - PHMB300BS12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB200BS12 NIEC-PHMB200BS12 Datasheet
276Kb / 3P
   IGBT 200 A 1200 V
logo
Vishay Siliconix
VS-GT300YH120N VISHAY-VS-GT300YH120N Datasheet
198Kb / 10P
   DIAP Trench IGBT Power Module - 1200 V, 300 A Current Fed Inverter Topology
Revision: 12-Jun-15
VS-GT300YH120N VISHAY-VS-GT300YH120N_V01 Datasheet
196Kb / 10P
   DIAP Trench IGBT Power Module - 1200 V, 300 A Current Fed Inverter Topology
01-Jan-2022
VS-GT300YH120N VISHAY-VS-GT300YH120N_V02 Datasheet
195Kb / 10P
   DIAP Trench IGBT Power Module - 1200 V, 300 A Current Fed Inverter Topology
01-Jan-2023
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
logo
Renesas Technology Corp
RJH1CD5DPQ-A0 RENESAS-RJH1CD5DPQ-A0 Datasheet
59Kb / 4P
   1200 V - 15 A - IGBT Application: Inverter
logo
ON Semiconductor
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
   IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FGA25N120ANTDTU FAIRCHILD-FGA25N120ANTDTU Datasheet
786Kb / 9P
   1200 V, 25 A NPT Trench IGBT
logo
STMicroelectronics
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com