Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMR200K Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSMR200K
Description  Silicon Power Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSMR200K Datasheet(HTML) 1 Page - Powersem GmbH

  PSMR200K Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Power Diode
I
F(AV) =
200 A
V
RRM = 100 - 1000 V
Features
Diffused Series
Available in Normal & Reverse Polarity
Industrial Grade
Available in Avalanche Characteristic
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
DO - 8
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
PSM/PSMR 200K
PSMF/PSMFR 200K
Symbol Conditions
Maximum Ratings
I
F(AV)
T
C = 130°C
200
A
I
FSM
T
VJ = 45°C
t = 10 ms
4300
A
I
FRM
max. peak cycle repetitive surge current
1100
A
I2t
max. I2t rating (non-rep.) for 5 to 10 ms
92500
A2s
I
R(AV)
max. average reverse leakage current
min.
30
µA
at V
RRM; TC = 25°C
max.
50
µA
V
FM
max. peak forward voltage drop @ rated 1F(AV)
1.35
V
R
thJC
max. thermal resistance junction to case
0.2
K/W
T
VJ
operating junction temperature
-65... + 150
°C
T
VJM
max. virtual junction temperature
150
°C
T
stg
storage temperature
-65... + 200
°C
M
d
mounting torque
min.
2.0
mkg
(non-lubricated threads)
max.
3.0
mkg
Weight typ.
150
g
PSM/PSMR 200
PSMF/PSMFR 200
Preliminary Data Sheet
V
RRM
V
R(RMS)
V
R
recommended
max.repetitive
max.RMS
max. DC
RMS working
Type
peak voltage
reverse voltage blocking voltage
voltage
(V)
(V)
(V)
(V)
with terminal lead
100
70
100
40
PSM/PSMR 200/01K
PSMF/PSMFR 200/01K
200
140
200
80
PSM/PSMR 200/02K
PSMF/PSMFR 200/02K
400
280
400
160
PSM/PSMR 200/04K
PSMF/PSMFR 200/04K
600
420
600
240
PSM/PSMR 200/06K
PSMF/PSMFR 200/06K
800
560
800
320
PSM/PSMR 200/08K
PSMF/PSMFR 200/08K
1000
700
1000
400
PSM/PSMR 200/10K
PSMF/PSMFR 200/10K
DO - 8


Similar Part No. - PSMR200K

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSMR25 POWERSEM-PSMR25 Datasheet
70Kb / 1P
   Silicon Power Diode
PSMR250K POWERSEM-PSMR250K Datasheet
79Kb / 1P
   Silicon Power Diode
More results

Similar Description - PSMR200K

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150NS NAINA-150NS Datasheet
115Kb / 1P
   SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
   SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150U NAINA-150U Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
70HF NAINA-70HF Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM300 POWERSEM-PSM300 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM320 POWERSEM-PSM320 Datasheet
82Kb / 1P
   Silicon Power Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com