Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMD150E-06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSMD150E-06
Description  Fast Recovery Epitaxial Diode (FRED) Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSMD150E-06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSMD150E-06 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Fast Recovery
PSMD 150E
IFAV
= 272 A
Epitaxial Diode
VRRM
= 200-600V
(FRED) Module
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
200
200
PSMD 150E/02
400
400
PSMD 150E/04
600
600
PSMD 150E/06
Symbol Test Conditions
Maximum Ratings
IFAV
TC = 70°C
272
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
3000
A
VR = 0
t = 8.3 ms (60 Hz), sine
3300
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
2700
A
VR = 0
t = 8.3 ms (60 Hz), sine
3000
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
45000
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
45200
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
36400
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
37300
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
max.
12
mA
VR = 0.8•VRRM
TVJ = 25°C
max.
3
mA
VR = 0.8•VRRM
TVJ = TVJM
max.
80
mA
VF
IF = 150 A
TVJ = 25°C
1.25
V
trr
IRM
TVJ = 25°C; IF=1A; -diF/dt=400A/µs
VR= 30V
IF=100A; -diF/dt=200A/µs; VR=100V
L
≤ 0,05 mH; TVJ = 100°C
typ. 60
typ. 45
ns
A
VTO
For power-loss calculations only
0.3
V
rT
TVJ = TVJM
0.55
m
RthJH
per diode; DC current
0.57
K/W
RthJC
per diode; DC current
0.42
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Short recovery time
Low forward voltage drop
Short recovery behaviour
UL registered, E 148688
Applications
Inductive heating and melting
Free wheeling diode in
converters and motor control
circuits
Uninterruptible power supplies
(UPS)
Ultrasonic cleaners and welders
Advantages
High reliability circuit operation
Low voltage peaks for reduced
protection circuits
Low noise switching
Low losses
Package, style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSMD150E-06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSMD150E-12 POWERSEM-PSMD150E-12 Datasheet
125Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
More results

Similar Description - PSMD150E-06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKD75E-06 POWERSEM-PSKD75E-06 Datasheet
118Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E-06 POWERSEM-PSKD200E-06 Datasheet
127Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSMD75E-12 POWERSEM-PSMD75E-12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSND50E-12 POWERSEM-PSND50E-12 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
IXYS Corporation
MEA300-06DA IXYS-MEA300-06DA Datasheet
56Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
Powersem GmbH
PSND200E-12 POWERSEM-PSND200E-12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
PSMD30E-12 POWERSEM-PSMD30E-12 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode (FRED) Module
logo
Meder Electronic
PSMD100E06 MEDER-PSMD100E06 Datasheet
124Kb / 1P
   Fast Recovery Epitaxial Diode(FRED) Module
logo
IXYS Corporation
MEA250-12DA IXYS-MEA250-12DA Datasheet
53Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
MEK350-02DA IXYS-MEK350-02DA Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED) Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com