Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEM104J1J050B250S Datasheet(PDF) 2 Page - RFE international

Part # MEM104J1J050B250S
Description  METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEM104J1J050B250S Datasheet(HTML) 2 Page - RFE international

  MEM104J1J050B250S Datasheet HTML 1Page - RFE international MEM104J1J050B250S Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
DIMENSIONS
METALIZED POLYESTER FILM CAPACITORS
MEM Series: Stacked Film, Minature
µ
µ
µ
µ
µ
µ
µ
dv
/d
t
W.V.
W
H
T
d
W
H
T
d
W
H
T
d
W
H
T
d
W
H
T
d
W
H
T
d
0.0010
102
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5
0.0012
122
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5
0.0015
152
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5
0.0018
182
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5
0.0022
222
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5
0.0027
272
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5
0.0033
332
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
7.5
3.5 0.5
0.0039
392
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
7.5
3.5 0.5
0.0047
472
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
9.5
4.5 0.6
0.0056
562
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5 7.2
7.5
3.5
0.5
7.2
9.5
4.5 0.6
0.0068
682
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5 7.2
9.5
4.5
0.6
7.2
9.5
4.5 0.6
0.0082
822
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5 7.2
9.5
4.5
0.6
7.2
9.5
4.5 0.6
0.010
103
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5 7.2
9.5
4.5
0.6
7.2 10.0 5.0 0.6
0.012
123
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
9.5
4.5 0.6 7.2
9.5
4.5
0.6
7.2 11.0 6.0 0.6
0.015
153
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
9.5
4.5 0.6 7.2 10.0 5.0
0.6
7.2 11.0 6.0 0.6
0.018
183
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
6.5
2.5
0.5
7.2
9.5
4.5 0.6 7.2 11.0
6.0
0.6
0.022
223
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
10.0 5.0 0.6 7.2
11.0
6.0
0.6
0.027
273
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
11.0 6.0 0.6 7.2
11.0
6.0
0.6
0.033
333
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
11.0 6.0 0.6
0.039
393
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
7.5
3.5
0.5
7.2
11.0 6.0 0.6
0.047
473
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
9.5
4.5
0.6
7.2
11.0 6.0 0.6
0.056
563
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
9.5
4.5
0.6
0.068
683
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
9.5
4.5
0.6
0.082
823
7.2
6.5
2.5
0.5
7.2
6.5
2.5 0.5 7.2
10.0 5.0
0.6
0.10
104
7.2
6.5
2.5
0.5
7.2
7.5
3.5 0.5 7.2
10.0 5.0
0.6
0.12
124
7.2
6.5
2.5
0.5
7.2
9.5
4.5 0.5 7.2
11.0
6.0
0.6
0.15
154
7.2
7.5
3.5
0.5
7.2
9.5
4.5 0.6 7.2
11.0
6.0
0.6
0.18
184
7.2
7.5
3.5
0.5
7.2
9.5
4.5 0.6
0.22
224
7.2
7.5
3.5
0.5
7.2
10.0 5.0 0.6
0.27
274
7.2
9.5
4.5
0.6
7.2
10.0 5.0 0.6
0.33
334
7.2
9.5
4.5
0.6
7.2
11.0 6.0 0.6
0.39
394
7.2
9.5
4.5
0.6
7.2
11.0 6.0 0.6
0.47
474
7.2
10.0 5.0
0.6
7.2
11.0 6.0 0.6
0.56
564
7.2
10.0 5.0
0.6
7.2
11.0 6.0 0.6
0.68
684
7.2
11.0
6.0
0.6
0.82
824
7.2
11.0
6.0
0.6
1.00
105
7.2
11.0
6.0
0.6
400VDC
(ÿµF)
250VDC
2E
250v/ s
100VDC
2A
200v/ s
1H/1J
160v/ s
50/63VDC
2G
400v/ s
800v/ s
Code
500VDC
2H
700v/ s
630VDC
2J
C1DC03
REV 4.27.07


Similar Part No. - MEM104J1J050B250S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1005PP TDK-MEM1005PP Datasheet
159Kb / 4P
   3-terminal filters Signal line MEM series
More results

Similar Description - MEM104J1J050B250S

ManufacturerPart #DatasheetDescription
logo
RFE international
MMD1104K1JA RFE-MMD1104K1JA Datasheet
66Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MMD Series: Mini Dipped (Stacked Film Replacement)
ME103K2E RFE-ME103K2E Datasheet
66Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS ME Series: Encapsulated
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
   Resin Coated Metalized Polyester Film Capacitors
logo
RFE international
MD104M2E100B250S RFE-MD104M2E100B250S Datasheet
90Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MD Series: Radial Dipped
MES104K2A050B250S RFE-MES104K2A050B250S Datasheet
107Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MES Series: Miniature, Radial
MME684J1J075B250S RFE-MME684J1J075B250S Datasheet
79Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MME Series: Minibox Encapsulated
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
RFE international
MDD RFE-MDD Datasheet
3Mb / 4P
   Metalized Polyester Film Capacitors MDD: General Purpose
07-JUL-2023
logo
List of Unclassifed Man...
MDD ETC2-MDD Datasheet
185Kb / 10P
   Resin Coated Metalized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com