Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR12 Datasheet(PDF) 1 Page - RFE international

Part # CR12
Description  FILM RESISTORS CR Series: Carbon Film
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

CR12 Datasheet(HTML) 1 Page - RFE international

  CR12 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTRODUCTION
SPECIFICATIONS
CURRENT NOISE
PART NUMBER EXAMPLE
SURFACE TEMPERATURE RISE
High quality thermally conductive ceramic core with
carbon film and conformally protected by multiple
epoxy coatings.
FEATURES
•Exceptional Long Term Stability
•Flameproof Coating Available
•Special Values May Be Requested
FILM RESISTORS
CR Series: Carbon Film
DERATING CURVE
100
80
60
40
20
0
-55
-30
0
20
40
60
80
100
125
140
160
Ambient Temperature (°C)
70°C
150°C
TYPE
CR12
CR25M/25
CR50M/50S
CR100S/100/200
Rated Wattage at 70°C
0.125W/0.16W
0.25W
0.50W
1W/2W
Max. Working Voltage
200V
250V
350V
500V/750V
Max. Overload Voltage
400V
500V
750V
1000V
Resistance Tolerance
J(±5%) G(±2%)
J(±5%) G(±2%)
J(±5%) G(±2%)
J(±5%) G(±2%)
Ambient Temperature Range.
-55°C ~ +155°C
-55°C ~ +155°C
-55°C ~ +155°C
-55°C ~ +155°C
Life
±3% MAX
±3% MAX
±3% MAX
±3% MAX
±2% AVG
±2% AVG
±2% AVG
±2% AVG
Resistance Temp.
<100K ohm ±4%
<100K ohm ±4%
<100K ohm ±4%
<100K ohm ±4%
Characteristics
<1M ohm ±4%
<1M ohm ±10%
<1M ohm ±6%
<1M ohm ±6%
(At 25°C ~ 105°C)
<1.5M ohm ±4%
<1.5M ohm ±14%
<1.5M ohm ±8%
<1.5M ohm ±12%
<3.3M ohm ±4%
<3.3M ohm ±12%
Temperature Cycle
±1%
±1%
±1%
±1%
Short-time Overload
±1%
±1%
±1%
±1%
Moisture Resistance
±3% MAX
±3% MAX
±3% MAX
±3% MAX
Terminal Strength
±0.5%
±0.5%
±0.5%
±0.5%
Soldering Heat
±0.5%
±0.5%
±0.5%
±0.5%
Shock and Vibration
±1%
±1%
±1%
±1%
Resistance Range ±5%
1 ohm ~ 10M ohm
0.5 ohm ~ 22M ohm
0.5 ohm ~ 22M ohm
0.5 ohm ~ 22M ohm
CR 25 R - 10K - J
Nominal Resistance (ohms)
.003
.01
.032
.10
.32
1.0
3.2
100
1K
10K
100K
1M
Nominal Resistance (ohms)
100
10
0
-200
-400
-600
-800
-1000
1K
10K
100K
1M
C2CB02
REV 2004.5.7
DIMENSIONS (mm)
L±.5 D±.5
3.7
1.6
6.5
2.5
8.5
2.8
Small Type
CR25M
CR50M
CR100S
9
3.7
11
4.5
Type
CR12
CR25
CR50S
CR100
CR200
16
5
H
20
20
20
20
26
26
d±.05
0.5
0.6
0.6
0.7
0.8
0.8
Standard Tape Packing
T52
T52
T52
T52
T73
T73
5000
5000
5000
2500
2000
1000
•Special tape to tape size by request
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - CR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR12 ETC1-CR12 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
RFE international
CR12 RFE-CR12 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Central Semiconductor C...
CR12-010 CENTRAL-CR12-010 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR12-020 CENTRAL-CR12-020 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
CR12-040 CENTRAL-CR12-040 Datasheet
62Kb / 1P
   Rectifiers, General Purpose
More results

Similar Description - CR12

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Bourns Electronic Solut...
CR01005 BOURNS-CR01005 Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com