Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-681KS34H Datasheet(PDF) 1 Page - RFE international

Part # MOV-681KS34H
Description  METAL OXIDE VARISTOR Housing Type 40KA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MOV-681KS34H Datasheet(HTML) 1 Page - RFE international

  MOV-681KS34H Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5BB23
2006.5.4
METAL OXIDE VARISTOR
Housing Type 40KA
Dimensions
PULSE RATING CURVES
V-I CHARACTERISTIC CURVES
175
180
200
225
250
275
300
330
370
385
420
460
505
560
640
640
675
745
850
895
970
1200
1465
130
140
150
175
190
210
230
250
275
300
320
350
385
420
480
485
510
575
660
680
750
900
1000
MOV-201KS34H
MOV-221KS34H
MOV-241KS34H
MOV-271KS34H
MOV-301KS34H
MOV-331KS34H
MOV-361KS34H
MOV-391KS34H
MOV-431KS34H
MOV-471KS34H
MOV-511KS34H
MOV-561KS34H
MOV-621KS34H
MOV-681KS34H
MOV-751KS34H
MOV-781KS34H
MOV-821KS34H
MOV-911KS34H
MOV-102KS34H
MOV-112KS34H
MOV-122KS34H
MOV-152KS34H
MOV-182KS34H
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
780
820
910
1000
1100
1200
1500
1800
185-225
198-242
216-264
243-297
270-330
297-363
324-396
351-429
387-473
423-517
459-561
504-616
558-682
612-748
675-825
702-858
738-902
819-1001
945-1155
990-1210
1080-1320
1350-1650
1620-1980
330
360
395
455
505
550
595
650
710
775
845
920
1025
1120
1240
1290
1355
1500
1650
1815
1925
2475
2970
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
40,000
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
310
330
360
390
410
430
460
490
550
600
640
660
700
740
780
820
900
960
1040
1100
1150
1200
1500
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
Impulse (µ S)
105 Ti
me s
10 6 Tim
e s
1
10
100
1000
10000
100000
10
100
1000
10000
1 Ti
me
2 Ti
mes
101
Tim
es
102
Tim
es
103
Time
s
104
Times
MOV
Part No .
MOV
DC
(V)
Maximum
Allowable
Voltage
Part
Number
Varistor
Voltage
Tolerance
Range
DC
(V)
Rated
Wattage
(W)
Energy
10/1000
ms
(J)
UL
Withstanding
Surge Current
8/20mS
Maximum
Clamping
Voltage
At 150A
(V)
Crms
A
(V)
(A)
* Add suffix - L for RoHS Compliant
201KS34~182KS 34
10
100
1000
10000
0.000001
0.0001
0.01
1
100
10000
Current (A)
182K
152k
122k
112K
102K
911K
821K
781K
751K
681K
621K
561K
511K
471K
431K
391K
361K
331K
301K
271K
241K
221K
201K
Test current waveform
10-6 to 10-3 A:Direct current
10
-1 to 105 A:8/20 S
Max.Leakage Current
Max.
Clamping
Voltage
10
-6
10
-5
10
-4
10
-2
10
-1
10
0
10
1
10
2
10 3
104 10 5
10
-3
µ
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - MOV-681KS34H

ManufacturerPart #DatasheetDescription
logo
RFE international
MOV-681KD25H RFE-MOV-681KD25H Datasheet
91Kb / 1P
   METAL OXIDE VARISTOR Housing Type 20KA
MOV-681KD32H RFE-MOV-681KD32H Datasheet
92Kb / 1P
   METAL OXIDE VARISTOR Housing Type 30KA
MOV-681KD53H RFE-MOV-681KD53H Datasheet
99Kb / 1P
   METAL OXIDE VARISTOR Housing Type 70KA
More results

Similar Description - MOV-681KS34H

ManufacturerPart #DatasheetDescription
logo
RFE international
MOV-201KD25H RFE-MOV-201KD25H Datasheet
91Kb / 1P
   METAL OXIDE VARISTOR Housing Type 20KA
MOV-201KD32H RFE-MOV-201KD32H Datasheet
92Kb / 1P
   METAL OXIDE VARISTOR Housing Type 30KA
MOV-201KD53H RFE-MOV-201KD53H Datasheet
99Kb / 1P
   METAL OXIDE VARISTOR Housing Type 70KA
logo
KOA Speer Electronics, ...
NVD05UC KOA-NVD05UC Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com