Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRH120-250UF Datasheet(PDF) 2 Page - RFE international

Part # FRH120-250UF
Description  Radial Leaded PPTC FRH Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRH120-250UF Datasheet(HTML) 2 Page - RFE international

  FRH120-250UF Datasheet HTML 1Page - RFE international FRH120-250UF Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
Thermal Derating Curve - FRH Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
CAUTION: FRH devices are not intended for continous use of Line Voltage such as 120 VAC`600VAC and above.
Radial Leaded PPTC
FRH Series
NOTE: All Specification subject to change without notice.
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Fault current (A )
FRH080(U)-250
FRH110(U)-250
FRH120(U)-250
FRH145(U)-250
FRH180(U)-250
FRH150-600
FRH160-600
A=
B=
C=
D=
E=
F=
G=
G
E
F
D
C
B
A
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
C5EB08
REV 2007.03.1


Similar Part No. - FRH120-250UF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRH120-250U DBLECTRO-FRH120-250U Datasheet
101Kb / 3P
   Radial Leaded PTC FRH Series
More results

Similar Description - FRH120-250UF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRH080-250U DBLECTRO-FRH080-250U Datasheet
101Kb / 3P
   Radial Leaded PTC FRH Series
logo
RFE international
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
   Radial Leaded PPTC FRX Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
   Radial Leaded PPTC FRVL Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FHT200-16F RFE-FHT200-16F Datasheet
190Kb / 2P
   Radial Leaded PPTC FHT Series: High Temperature, 125째C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com