Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB160808B400QN Datasheet(PDF) 3 Page - RFE international

Part # IB160808B400QN
Description  SURFACE MOUNT BEADS IB Series: Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IB160808B400QN Datasheet(HTML) 3 Page - RFE international

  IB160808B400QN Datasheet HTML 1Page - RFE international IB160808B400QN Datasheet HTML 2Page - RFE international IB160808B400QN Datasheet HTML 3Page - RFE international IB160808B400QN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV 1
C4BA03
SURFACE MOUNT BEADS
IB Curves
IB201209B301
IB321611B310
IB201209B601
IB321611F190
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
400
200
100
60
40
20
10
8
6
4
2
400
200
100
60
40
20
10
8
6
4
2
400
200
100
60
40
20
10
6
4
2
IB321611B601
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
Frequency (MHz)
IB321611B152
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
400
200
100
60
40
20
10
6
4
2
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
IB321611B151
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
400
200
100
60
40
20
10
6
4
2
Frequency (MHz)
IB321611B301
600
300
100
60
30
10
6
3
1
0.6
0.3
0.1
400
200
100
60
40
20
10
8
6
4
2
Frequency (MHz)
50
10
5
1
.5
50
10
5
1
.5
1000
500
100
50
10
5
1
IB321611B700
Frequency (MHz)
50
10
5
1
.5
1000
500
100
50
10
5
1
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IB160808B400QN

ManufacturerPart #DatasheetDescription
logo
ILLUMINANT CO., LTD
IB1601N-6GBL-211 ILLUMINANT-IB1601N-6GBL-211 Datasheet
39Kb / 1P
   Display Format: 16 Characters X 1 line
IB1601N-6GYD-213 ILLUMINANT-IB1601N-6GYD-213 Datasheet
40Kb / 1P
   Display Format: 16 Characters X 2 line
IB1601N-6YYD-211A ILLUMINANT-IB1601N-6YYD-211A Datasheet
43Kb / 1P
   Display Format: 16 Characters X 1 line
IB1602N-6GYD-172A ILLUMINANT-IB1602N-6GYD-172A Datasheet
47Kb / 1P
   Display Format: 16 Characters X 2 line
IB1602N-6GYD-214 ILLUMINANT-IB1602N-6GYD-214 Datasheet
41Kb / 1P
   Display Format: 16 Characters X 2 line
More results

Similar Description - IB160808B400QN

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMB50 ALLIED-SMB50 Datasheet
243Kb / 1P
   Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_15 Datasheet
68Kb / 2P
   SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025_15 Datasheet
29Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025 Datasheet
29Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025 Datasheet
61Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025_15 Datasheet
61Kb / 1P
   SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
   Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_10 Datasheet
66Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025 Datasheet
32Kb / 1P
   SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
   Surface Mount Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com