Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN16118 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VN16118
Description  Gigabit Ethernet Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VN16118 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VN16118 Datasheet HTML 1Page - Vaishali Semiconductor VN16118 Datasheet HTML 2Page - Vaishali Semiconductor VN16118 Datasheet HTML 3Page - Vaishali Semiconductor VN16118 Datasheet HTML 4Page - Vaishali Semiconductor VN16118 Datasheet HTML 5Page - Vaishali Semiconductor VN16118 Datasheet HTML 6Page - Vaishali Semiconductor VN16118 Datasheet HTML 7Page - Vaishali Semiconductor VN16118 Datasheet HTML 8Page - Vaishali Semiconductor VN16118 Datasheet HTML 9Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1999-12-15
Page 1
MDSN-0001-00
Vaishali Semiconductor l 747 Camden Avenue l Campbell l CA 95008 l Ph. 408.379.2900 l Fax 408.379.2937
Applications
Gigabit Ethernet Up-links
High Speed Proprietary
interface
Backplane Serialization
Bus Extender
General Description
The VN16118 is a single chip,1.25 Gigabits per second Ethernet transceiver. It performs all the
functions of the Physical Medium Attachment (PMA) portion of the Physical layer, as specified
by the IEEE 802.3z Gigabit Ethernet standard. These functions include parallel-to-serial and
serial-to-parallel conversion, clock generation, clock data recovery, and word synchronization.
In addition, an internal loopback function is provided for system debugging.
The VN16118 is ideal for Gigabit Ethernet, serial backplane and proprietary point-to-point
applications. The device supports both 1000BASE-LX and 1000BASE-SX fiber-optic media,
and 1000BASE-CX copper media.
The transmitter section of the VN16118 accepts 10-bit wide parallel TTL data and converts it to
a high speed serial data stream.
The parallel data is encoded in 8b/10b format.
This
incoming parallel data is latched into an input register, and synchronized on the rising edge of
the 125 MHz reference clock supplied by the user. A phase locked loop (PLL) locks to the 125
MHz clock. The clock is then multiplied by 10 to produce a 1.25 GHz serial clock that is used
to provide the high speed serial data output. The output is sent through a Pseudo Emitter
Coupled Logic (PECL) driver. This output connects directly to a copper cable in the case of
1000BASE-CX medium, or to a fiber optic module in the case of 1000BASE-LX or 1000BASE
SX fiber optic medium.
The receiver section of the VN16118 accepts a serial PECL-compatible data stream at a 1.25
Gbps rate, recovers the original 10-bit wide parallel data format, and retimes the data. A Phase
Lock Loop (PLL) locks on to the incoming serial data stream, and recovers the 1.25 GHz high
speed serial clock and data. This is accomplished by continually frequency locking on to the
125 MHz reference clock, and by phase locking on to the incoming data stream. The serial
data is converted back to parallel data format. The ‘comma’ character is used to establish byte
alignment. Two 62.5 MHz clocks, 180 degrees out of phase, are recovered. These clocks are
alternately used to clock out the parallel data on the rising edge. This parallel data is sent to
the user in TTL-compatible form.
Preliminary
VN16118
SERDES
Gigabit Ethernet Transceiver
Features
IEEE 802.3z Gigabit Ethernet
Compliant
Supports 1.25 Gbps Using NRZ Coding
over uncompensated twin-coax cable
Fully integrated CMOS IC
Low Power Consumption
ESD rating >2000V (Human Body
Model) or >200V (Machine Model)
5-Volt Input Tolerance
Fully Compatible with HP HDMP-
1636/HDMP-1646 and Vitesse
VCS7135 transceivers
Available in both 10 mm x 10 mm
and 14 mm x 14 mm LQFP
Packages


Similar Part No. - VN16118

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
logo
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
VN16218L2 VAISH-VN16218L2 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN16B STMICROELECTRONICS-VN16B Datasheet
209Kb / 14P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VN16118

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com