Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB201209B800QN Datasheet(PDF) 4 Page - RFE international

Part # IB201209B800QN
Description  SURFACE MOUNT BEADS IB Series: Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IB201209B800QN Datasheet(HTML) 4 Page - RFE international

  IB201209B800QN Datasheet HTML 1Page - RFE international IB201209B800QN Datasheet HTML 2Page - RFE international IB201209B800QN Datasheet HTML 3Page - RFE international IB201209B800QN Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REV 1
C4BA04
SURFACE MOUNT BEADS
IB Curves and Material Codes
1000
500
100
50
10
5
1
IB453215B700
Frequency (MHz)
500
100
50
10
5
|Z|
R
X
L
1000
500
100
50
10
5
1
IB453215B151
Frequency (MHz)
200
100
50
10
5
1
0.5
|Z|
R
X
L
IB322513D600
Frequency (MHz)
500
100
50
10
5
1000
500
100
50
10
5
1
|Z|
R
X
L
IB451613B800
Frequency (MHz)
500
100
50
10
5
1000
500
100
50
10
5
1
|Z|
R
X
L
Material Code (The material code is assigned by the factory)
CODE
CB8
B
C
N
H
K
V
Practical Frequency (MHz)
0.3~7.0
1.0~80
1.0~50
0.5~30
0.5~20
0.1~5.0
0.1~3.0
Initial Perm
±25%
200
15
20
40
80
120
180
Tan d/m iac X10
-6
(MHz)
150(0.3)
150(1.0)
150(1.0)
90(0.5)
100(0.5)
25(0.1)
3(0.1)
300(7.0)
700(8.0)
550(50)
250(30)
350(20)
160(5.0)
90(3.0)
µm r
X 10-6/°C
30
25
25
5
5
15
20
Bms
Gauss
3400
3500
3500
3400
3300
3200
3000
20(Oe)
20(Oe)
20(Oe)
20(Oe)
20(Oe)
20(Oe)
20(Oe)
Tc
°C
>200
>250
>250
>250
>200
>200
>200
Volume Resistivity
W·cm
10
7
10
8
10
8
10
8
10
8
10
8
10
8
Density
g/cm3
4.9
4.9
4.9
4.9
4.9
4.9
4.9
CHARACTERISTICS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IB201209B800QN

ManufacturerPart #DatasheetDescription
logo
ILLUMINANT CO., LTD
IB2002N-6GNN-222 ILLUMINANT-IB2002N-6GNN-222 Datasheet
460Kb / 36P
   PRODUCT SPECIFICATION
IB2002N-6YYD-179 ILLUMINANT-IB2002N-6YYD-179 Datasheet
47Kb / 1P
   Display Format: 20 Characters X 2 line
IB2002N-7FWL-180 ILLUMINANT-IB2002N-7FWL-180 Datasheet
45Kb / 1P
   Display Format: 20Characters X 2 line
More results

Similar Description - IB201209B800QN

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMB50 ALLIED-SMB50 Datasheet
243Kb / 1P
   Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_15 Datasheet
68Kb / 2P
   SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025_15 Datasheet
29Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025 Datasheet
29Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025 Datasheet
61Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025_15 Datasheet
61Kb / 1P
   SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
   Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_10 Datasheet
66Kb / 1P
   SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025 Datasheet
32Kb / 1P
   SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
   Surface Mount Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com