Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4532R10M Datasheet(PDF) 1 Page - RFE international

Part # IW4532R10M
Description  SURFACE MOUNT INDUCTORS IW4532 Series: 1812 Wirewound
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IW4532R10M Datasheet(HTML) 1 Page - RFE international

  IW4532R10M Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BC02
Size 1812 Height 3.2mm
SURFACE MOUNT INDUCTORS
IW4532 Series: 1812 Wirewound
Size in mm
Q
TEST
SRF
DC
RATED
(min)
FREQUENCY (MHz) RESISTANCE
CURRENT
(MHz)
min
W(max)
mA(max)
IW4532R10M
0.10
±20%
35
25.2
300
0.18
800
IW4532R12M
0.12
±20%
35
25.2
280
0.20
770
IW4532R15M
0.15
±20%
35
25.2
250
0.22
730
IW4532R18M
0.18
±20%
35
25.2
220
0.24
700
IW4532R22M
0.22
±20%
35
25.2
200
0.25
665
IW4532R27M
0.27
±20%
40
25.2
180
0.26
635
IW4532R33M
0.33
±20%
40
25.2
165
0.28
605
IW4532R39M
0.39
±20%
40
25.2
150
0.30
575
IW4532R47M
0.47
±20%
40
25.2
145
0.32
545
IW4532R56M
0.56
±20%
40
25.2
140
0.36
520
IW4532R68M
0.68
±20%
40
25.2
135
0.40
500
IW4532R82M
0.82
±20%
40
25.2
130
0.45
475
IW45321R0K
1.0
±10%
50
7.96
100
0.50
450
IW45321R2K
1.2
±10%
50
7.96
80
0.55
430
IW45321R5K
1.5
±10%
50
7.96
70
0.60
410
IW45321R8K
1.8
±10%
50
7.96
60
0.65
390
IW45322R2K
2.2
±10%
50
7.96
55
0.70
380
IW45322R7K
2.7
±10%
50
7.96
50
0.75
370
IW45323R3K
3.3
±10%
50
7.96
45
0.80
355
IW45323R9K
3.9
±10%
50
7.96
40
0.90
330
IW45324R7K
4.7
±10%
50
7.96
35
1.00
315
IW45325R6K
5.6
±10%
50
7.96
33
1.10
300
IW45326R8K
6.8
±10%
50
7.96
27
1.20
285
IW45328R2K
8.2
±10%
50
7.96
25
1.40
270
IW4532100K
10.0
±10%
50
2.52
20
1.60
250
IW4532120K
12.0
±10%
50
2.52
18
2.00
225
IW4532150K
15.0
±10%
50
2.52
17
2.50
200
IW4532180K
18.0
±10%
50
2.52
15
2.80
190
IW4532220K
22.0
±10%
50
2.52
13
3.20
180
IW4532270K
27.0
±10%
50
2.52
12
3.60
170
IW4532330K
33.0
±10%
50
2.52
11
4.00
160
IW4532390K
39.0
±10%
50
2.52
10
4.50
150
IW4532470K
47.0
±10%
50
2.52
10
5.00
140
IW4532560K
56.0
±10%
50
2.52
9.0
5.50
135
IW4532680K
68.0
±10%
50
2.52
9.0
6.00
130
IW4532820K
82.0
±10%
50
2.52
8.0
7.00
120
IW4532101K
100.0
±10%
40
0.796
8.0
8.00
110
IW4532121K
120.0
±10%
40
0.796
6.0
8.00
110
IW4532151K
150.0
±10%
40
0.796
5.0
9.00
105
IW4532181K
180.0
±10%
40
0.796
5.0
9.50
102
IW4532221K
220.0
±10%
40
0.796
4.0
10.0
100
IW4532271K
270.0
±10%
40
0.796
4.0
12.0
92
IW4532331K
330.0
±10%
40
0.796
3.5
14.0
85
IW4532391K
390.0
±10%
40
0.796
3.0
18.0
80
IW4532471K
470.0
±10%
40
0.796
3.0
26.0
62
IW4532561K
560.0
±10%
30
0.796
3.0
30.0
50
IW4532681K
680.0
±10%
30
0.796
3.0
30.0
50
IW4532821K
820.0
±10%
30
0.796
2.5
35.0
30
IW4532102K
1000.0
±10%
20
2.52
2.5
40.0
30
INDUCTANCE mH
TOLERANCE
TYPE
Performance curves are on page C4BC03.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IW4532R10M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4502BD INTEGRAL-IW4502BD Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502BD IKSEMICON-IW4502BD Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4502BN INTEGRAL-IW4502BN Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4532R10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
logo
API Delevan
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
IMC-0603-01 VISHAY-IMC-0603-01_17 Datasheet
128Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 25-Feb-15
logo
API Delevan
0402-1N0K API-0402-1N0K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0603-1N6J API-0603-1N6J Datasheet
25Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0603-01 VISHAY-IMC-0603-01_V01 Datasheet
111Kb / 3P
   Wirewound, Surface Mount Inductors
01-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com