Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2A300W-10R-J-250 Datasheet(PDF) 1 Page - RFE international

Part # HM2A300W-10R-J-250
Description  HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HM2A300W-10R-J-250 Datasheet(HTML) 1 Page - RFE international

  HM2A300W-10R-J-250 Datasheet HTML 1Page - RFE international HM2A300W-10R-J-250 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH POWER WIRE WOUND RESISTOR
HM Series: Metal-Clad, High Wattage
C2E04
REV 2007.04.12
PART NUMBER EXAMPLE
• Non-Flammable
• High Wattage
• Metal-Clad
FEATURES
B Type
Narrow base
A Type
Low profile
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SPECIFICATIONS
<C>
<D>
Mounting Slot E = 5.2mm
(14AWG)
J=5%, K=10%
Series
Wire Length (mm)
Mounting Slots
Tolerance
Wattage
HM 2 A 80W-10R-J-250
Resistance
Type
°
°
°
°
°
°
°
°
C+1 D+1 F+1 G+2 H+1 C+1 D+1 F+1 G+2 H+1
60
115
100
20
40
75
40
20
80
0.1 ~ 10k
80
140 125
20
40
100
40
20
105
0.1 ~ 10k
100
165 150
20
40 45ÿ° 125
40
20
130
0.1 ~ 10k
120
190 175
20
40
150
60
30
65
0.15 ~ 15k
150
215 200
20
40
175
40
20 68ÿ° 180
0.15 ~ 15k
200
165 150
30
60
130
60
30
115
0.3 ~ 20k
300
215 200
30
60
180
60
30
165
0.5 ~ 30k
400
265 250
30
60
230
60
30
215
0.5 ~ 30k
500
240 225
40
80 60ÿ° 195
80
40 75ÿ° 200
0.5 ~ 30k
600
335 320
30
60
300
60
30 68ÿ° 285
1 ~ 50k
800
400 385
40
80
355
80
40 75ÿ° 360
1 ~ 50k
1,000
400 385
50 100
345
50 100 78ÿ° 360
1 ~ 100k
HM2_
1,000
400 385
50 100
345
80
50 100 78ÿ° 360
30
1 ~ 100k
Watts
Part #
HM1_
Resistance
Range
A+2 B+2
Type A
Type B
¿


Similar Part No. - HM2A300W-10R-J-250

ManufacturerPart #DatasheetDescription
logo
FCI connector
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
More results

Similar Description - HM2A300W-10R-J-250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
   METAL CLAD WIRE WOUND RESISTOR
logo
RHOPOINT COMPONENTS
IRV1600 RHOPOINT-IRV1600 Datasheet
136Kb / 2P
   HIGH POWER, WIRE WOUND, METAL CLAD RESISTORS
logo
List of Unclassifed Man...
IRV600 ETC-IRV600 Datasheet
1Mb / 2P
   Metal Clad Wire Wound Resistors
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
   compact type metal clad wire wound resistors
IRS30 ETC-IRS30 Datasheet
716Kb / 1P
   SLIM TYPE METAL CLAD WIRE WOUND RESISTROS
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
Tyco Electronics
1625971 MACOM-1625971 Datasheet
66Kb / 1P
   HSA25 METAL CLAD RESISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com