Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

II1608L4R7 Datasheet(PDF) 1 Page - RFE international

Part # II1608L4R7
Description  SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

II1608L4R7 Datasheet(HTML) 1 Page - RFE international

  II1608L4R7 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BB01
These products are produced using magnetic
materials and multilayer technology. There
are no windings. This is a complete
monolythic structure that is applicable for flow
and reflow soldering. Terminations are silver,
nickel, then tin plated.
SURFACE MOUNT INDUCTORS
II1608 Series: 0603 Multilayer
Size 0603
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
INTRODUCTION
Size in mm
THICKNESS
INDUCTANCE mH
Q
L, Q TEST
SRF
DC
RATED
(mm)
±10%(K) or
(min)
FREQ.
(MHz)
RESISTANCE
CURRENT
±0.15
±20%(M)
(MHz)
min
W(max)
mA(max)
II1608K47M
0.8
0.047(M)
10
50
260
0.30
50
II1608K68M
0.8
0.068(M)
10
50
250
0.30
50
II1608K82M
0.8
0.082(M)
10
50
245
0.30
50
II1608KR10
0.8
0.10
15
25
240
0.50
50
II1608KR12
0.8
0.12
15
25
205
0.50
50
II1608KR15
0.8
0.15
15
25
180
0.60
50
II1608KR18
0.8
0.18
15
25
165
0.60
50
II1608KR22
0.8
0.22
15
25
150
0.80
50
II1608KR27
0.8
0.27
15
25
136
0.80
50
II1608KR33
0.8
0.33
15
25
125
0.85
35
II1608KR39
0.8
0.39
15
25
110
1.00
35
II1608KR47
0.8
0.47
15
25
105
1.35
35
II1608KR56
0.8
0.56
15
25
95
1.55
35
II1608KR68
0.8
0.68
15
25
80
1.70
35
II1608KR82
0.8
0.82
15
25
75
2.10
35
II1608K1R0
0.8
1.0
35
10
70
0.60
25
II1608K1R2
0.8
1.2
35
10
60
0.80
25
II1608L1R5
0.8
1.5
35
10
55
0.80
25
II1608K1R8
0.8
1.8
35
10
50
0.95
25
II1608K2R2
0.8
2.2
35
10
45
1.15
15
II1608K2R7
0.8
2.7
35
10
40
1.35
15
II1608K3R3
0.8
3.3
20
10
38
1.55
15
II1608K3R9
0.8
3.9
20
10
36
1.70
15
II1608L4R7
0.8
4.7
20
10
33
2.10
15
II1608K5R6
0.8
5.6
25
4
22
1.55
5
II1608K6R8
0.8
6.8
25
4
20
1.70
5
II1608K8R2
0.8
8.2
25
4
18
2.10
5
II1608K100
0.8
10.0
20
2
17
2.55
5
II1608K120
0.8
12.0
20
2
15
2.75
5
TYPE
Performance curves are on page C4BB05.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Description - II1608L4R7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
II3216K47N RFE-II3216K47N Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS II3216 Series: 1206 Multilayer
IIH2012F-1N5 RFE-IIH2012F-1N5 Datasheet
61Kb / 1P
   SURFACE MOUNT INDUCTORS IIH2012 Series: 0805 Multilayer
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
logo
Littelfuse
PGB0010603MR LITTELFUSE-PGB0010603MR Datasheet
212Kb / 3P
   PGB Series 0603 Surface Mount ESD Suppressor
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com