Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN010M2ABK063110 Datasheet(PDF) 1 Page - RFE international

Part # RN010M2ABK063110
Description  ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RN010M2ABK063110 Datasheet(HTML) 1 Page - RFE international

  RN010M2ABK063110 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
RN Series: Radial Non-Polar
FEATURES
•85°C, 2000 hours assured, standard non-polarized series.
•Suitable for use in circuits which have a reversed or unknown polarity.
•Bi-Polar types available (RB) (RBS) (RBL) (RBG) (RBK) (RS) (RSG)
•Super miniature size (SN) available..
SPECIFICATIONS
LEAD SPACING AND DIAMETER
PART NUMBER EXAMPLE
RN 010 M 2A BK 063 110
D
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.8
1.0
1.5
0.5
0.5
0.6
VDC
F
Code
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
0.1
0R1
5 x 11
4
5 x 11
5
5 x 11
5
0.22
R22
5 x 11
7
5 x 11
8
5 x 11
8
0.33
R33
5 x 11
8
5 x 11
10
5 x 11
10
0.47
R47
5 x 11
10
5 x 11
12
5 x 11
12
5 x 11
10 6.3 x 11
10 6.3 x 11
12
1
010
5 x 11
15
5 x 11
18 6.3 x 11
23 6.3 x 11
14
8 x 11.5 16
8 x 11.5 16
2.2
2R2
5 x 11
23
5 x 11
25 6.3 x 11
26
8 x 11.5 23
8 x 11.5 28 10 x 12.5 32
3.3
3R3
5 x 11
28
5 x 11
31 6.3 x 11
32
8 x 11.5 33 10 x 12.5 33 10 x 16
46
4.7
4R7
5 x 11
33
6.3 x 11
37
8 x 11.5 44 10 x 12.5 39 10 x 16
46 10 x 20
62
10
100
5 x 11
40
5 x 11
42
6.3 x 11
46
8 x 11.5
55
8 x 11.5 61
8 x 11.5 66 10 x 16
75 10 x 20
83 10 x 20
99
22
220
5 x11
50
5 x 11
56
5 x 11
59
6.3 x 11
63
8 x 11.5 76
8 x 11.5
82
10 x 12.5 108 10 x 16
118 13 x 20 146 13 x 20
146 13 x 25
172
33
330
5 x11
62
5 x 11
69 6.3 x 11
73
6.3 x 11
78
8 x 11.5 94
8 x 11.5
104 10 x 16 137 10 x 20 152 13 x 20 179 13 x 25
197 16 x 25
211
47
470
5 x11
74 6.3 x 11
83 6.3 x 11
88
8 x 11.5 105
8 x 11.5 115
10 x 16
150 10 x 20 172 13 x 20 193 13 x 25 235
100
101
6.3 x11
108
8 x 11.5 137
8 x 11.5 149
10 x 12.5 182
10 x 16
202 10 x 20
229 13 x 20 267 16 x 25 315
220
221
8 x11.5 181 10 x 12.5 242 10 x 16
265
10 x 16
294
13 x 20
335 13 x 25
378 16 x 25 443 16 x 35.5 498
330
331
8 x11.5 236 10 x 16
308 10 x 20
340
13 x 20
384
13 x 25
429 16 x 25
496 16 x 31.5 653
470
471
10 x 16
329 10 x 20
385 13 x 20
432
13 x 25
479
16x 25
548 16 x 31.5
614 18 x 40 787
1000
102
10 x 20
502 13 x 20
598 13 x 25
659
16 x 31.5 775
16x 35.5 852 18 x 40
1048
2200
222
13 x 25
829 16 x 25
992 16 x 35.5 1114
18 x 40 1347
16V(1C)
25V(1E)
35V(1V)
50V(1H)
DXL
DXL
200V(2D)
250V(2E)
DXL
DXL
100V(2A)
160V(2C)
DXL
DXL
DXL
DXL
6.3V(OJ)
10V(1A)
DXL
DXL
DXL
63V(1J)H)
DIMENSIONS & PERMISSABLE RIPPLE CURRENT
Dimension: D×L(mm); Ripple Current: mA/RMS at 120Hz 85°C
Item
Operating Temp.
Capacitance Tolerance
Rated Voltage
Leakage Current
Time
(at 20°C)
Leakage
Current
whichever is greater
Dissipaton Factor
Rated Voltage
6.3
10
16
25
35
50
63
100
160
200
250
Tan
at 120 Hz, 20°C
Tan
(max)
0.25
0.22
0.18
0.16
0.14
0.12
0.10
0.09
0.15
0.15
0.20
Low Temperature
6.3
10
16
25
35
50
63
100
160
200
250
Characteristics
(at 120Hz)
Z(-25°C)/Z(+20°C)
4
3
3
2
2
2
2
2
2
2
2
Z(-40°C)/Z(+20°C)
8
6
6
4
4
3
3
3
4
4
4
Load Life Test at 20°C
Test Time
Shelf Life Test at 20°C
(after rated voltage is
Capacitance Change
applied for 2000 hours
Dissipation Factor
at 85°C)
Leakage Current
Standards
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Less than 200% of specifiec value
2000 Hrs
± 20%
after rated voltage
Performance
± 20% (120Hz, 20°C)
After 2 minutes
After 5 minutes
100V
100V
-40° ~ +85°C
I=0.03CV or 4 ( A)
CV
1000
I=0.03CV +15 ( A)
When the capacitance exceeds 1000 m F, 0.02 shall be added every 1000 mF increase
Rated Voltage
Impedance Ratio
I=0.02CV +25 ( A)
Where, C = rated capacitance in F, V = rated DC working voltage in V.
Impedance ratio shall not exceed the values given in the table below.
1000 Hrs
± 20%
Satisfies Characteristic W of JIS C 5141
Within specified values
applied for 2000 hours
at 85°C)
Less than 200% of specified value
Within specified value
C1CF01
REV 2004.7.2
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - RN010M2ABK063110

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
820Kb / 1P
   Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar
01.06.2022
RN010M2ABK050110 RFE-RN010M2ABK050110_V01 Datasheet
820Kb / 1P
   Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar
01.06.2022
More results

Similar Description - RN010M2ABK063110

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110_V01 Datasheet
820Kb / 1P
   Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar
01.06.2022
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com