Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUK100M1HBK080115 Datasheet(PDF) 2 Page - RFE international

Part # RUK100M1HBK080115
Description  ALUMINUM ELECTROLYTIC CAPACITORS RUK Series: 125째C, Long Life
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RUK100M1HBK080115 Datasheet(HTML) 2 Page - RFE international

  RUK100M1HBK080115 Datasheet HTML 1Page - RFE international RUK100M1HBK080115 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT
Dimension: D×L(mm)
Ripple Current: mA/RMS at 120Hz 125°C
V.DC
Contents
mA
MA
mA
mA
0.47
R47
8 x 11.5
12
8 x 11.5
12
1
010
8 x 11.5
17
8 x 11.5
17
2.2
2R2
8 x 11.5
26
8 x 11.5
26
3.3
3R3
8 x 11.5
32
8 x 11.5
32
4.7
4R7
8 x 11.5
38
8 x 11.5
38
10
100
8 x 11.5
56
8 x 11.5
56
10 x 20
78
22
220
10 x 12.5
99
10 x 12.5
99
10 x 20
115
10 x 25
126
33
330
10 x 16
133
10 x 16
133
10 x 25
154
12.5 x 20
157
47
470
10 x 16
159
10 x 20
173
12.5 x 20
187
12.5 x 25
204
68
680
12.5 x 25
245
16 x 20
250
100
101
12.5 x 20
279
12.5 x 20
279
16 x 25
329
16 x 25
329
150
151
16 x 31.5
434
220
221
16 x 20
459
200V (2D)
jD x L
jD x L
jD x L
jD x L
µF
50V (1H)
63V (1J)
160V (2C)
PART NUMBER EXAMPLE
C1CC04
2008.02.21
RUK 100 M 1H BK 080 115
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
V.DC
Contents
mA
mA
MA
mA
4.7
4R7
10 x 20
53
10 x 20
53
10 x 25
58
10
100
10 x 20
78
10 x 25
85
10 x 25
86
12.5 x 20
86
22
220
13 x 20
128
12.5 x 25
139
12.5 x 25
142
16 x 25
154
33
330
13 x 25
171
16 x 25
189
16 x 25
189
16 x 31.5
203
47
470
16 x 25
225
16 x 31.5
243
16 x 31.5
243
68
680
16 x 31.5
292
jD x L
jD x L
jD x L
jD x L
250V (2E)
350V (2V)
400V (2G)
450V (2W)
µF
ALUMINUM ELECTROLYTIC CAPACITORS
RUK Series: 125°C, Long Life
V.DC
Contents
mA
mA
mA
mA
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
8 x 11.5
75
33
330
8 x 11.5
92
10 x 13
108
47
470
8
11.5
100
10 x 12.5
129
10 x 16
142
100
101
10 x 12.5
154
10 x 16
190
10 x 16
208
10 x 20
225
220
221
10 x 16
252
10 x 20
305
12.5 x 20
371
12.5 x 25
403
330
331
10 x 16
308
12.5 x 20
414
12.5 x 25
493
16 x 20
503
470
471
10 x 20
399
12.5 x 25
537
16 x 20
601
1,000
102
16 x 20
715
25V (1E)
jD x L
35V (1V)
jD x L
µF
jD x L
16V (1C)
jD x L
10V (1A)


Similar Part No. - RUK100M1HBK080115

ManufacturerPart #DatasheetDescription
logo
RFE international
RUK100M1VBK100160 RFE-RUK100M1VBK100160 Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
More results

Similar Description - RUK100M1HBK080115

ManufacturerPart #DatasheetDescription
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
RFE international
RUA100M1HBK080115 RFE-RUA100M1HBK080115 Datasheet
125Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS RUA Series: 130C, Long Life
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com