Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMV0603C050T180 Datasheet(PDF) 7 Page - RFE international

Part # JMV0603C050T180
Description  MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JMV0603C050T180 Datasheet(HTML) 7 Page - RFE international

Back Button JMV0603C050T180 Datasheet HTML 2Page - RFE international JMV0603C050T180 Datasheet HTML 3Page - RFE international JMV0603C050T180 Datasheet HTML 4Page - RFE international JMV0603C050T180 Datasheet HTML 5Page - RFE international JMV0603C050T180 Datasheet HTML 6Page - RFE international JMV0603C050T180 Datasheet HTML 7Page - RFE international JMV0603C050T180 Datasheet HTML 8Page - RFE international JMV0603C050T180 Datasheet HTML 9Page - RFE international JMV0603C050T180 Datasheet HTML 10Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ELECTRICAL CHARACTERISTICS, 0603 SIZE
Working
Voltage
(Vw)
Clamping
Voltage
(Vc)
ESD
Withstanding
Capacitance
( C )
Volt
Volt
Time
<15µA
1A, 8/20µs
8kV*
1kHz
1MHz
JMV0603C050T4R7
5.0
50.0
> 1000
-
4.7
-20% ~ +80%
JMV0603C050T100
5.0
50.0
> 1000
-
10
+20%
JMV0603C050T120
5.0
50.0
> 1000
-
12
+20%
JMV0603C050T150
5.0
50.0
> 1000
-
15
+20%
JMV0603C050T180
5.0
50.0
> 1000
-
18
+20%
JMV0603C050T220
5.0
50.0
> 1000
-
22
+20%
JMV0603C050T270
5.0
50.0
> 1000
-
27
+20%
JMV0603C050T330
5.0
50.0
> 1000
-
33
+20%
JMV0603C050T390
5.0
50.0
> 1000
-
39
+20%
JMV0603C050T470
5.0
50.0
> 1000
-
47
+20%
JMV0603C050T560
5.0
50.0
> 1000
-
56
+20%
JMV0603C050T680
5.0
50.0
> 1000
-
68
+20%
JMV0603C050T820
5.0
50.0
> 1000
-
82
+20%
JMV0603C050T101
5.0
30.0
> 1000
100
-
+20%
JMV0603C050T151
5.0
29.0
> 1000
150
-
+20%
JMV0603C050T181
5.0
29.0
> 1000
180
-
+20%
JMV0603C050T221
5.0
27.0
> 1000
220
-
+20%
JMV0603C050T271
5.0
27.0
> 1000
270
-
+20%
JMV0603C050T331
5.0
26.0
> 1000
330
-
+20%
JMV0603C050T391
5.0
26.0
> 1000
390
-
+20%
JMV0603C050T471
5.0
26.0
> 1000
470
-
+20%
JMV0603C050T102
5.0
23.0
> 1000
1000
-
+20%
JMV0603C120T4R7
12.0
80.0
> 1000
-
4.7
-20% ~ +80%
JMV0603C120T100
12.0
60.0
> 1000
-
10
+20%
JMV0603C120T220
12.0
50.0
> 1000
-
22
+20%
JMV0603C120T330
12.0
50.0
> 1000
-
33
+20%
JMV0603C120T390
12.0
50.0
> 1000
-
39
+20%
JMV0603C120T470
12.0
50.0
> 1000
-
47
+20%
JMV0603C120T560
12.0
50.0
> 1000
-
56
+20%
JMV0603C120T820
12.0
50.0
> 1000
-
82
+20%
JMV0603C120T101
12.0
50.0
> 1000
100
-
+20%
JMV0603C120T151
12.0
50.0
> 1000
150
-
+20%
JMV0603C120T181
12.0
47.0
> 1000
180
-
+20%
JMV0603C120T331
12.0
46.0
> 1000
330
-
+20%
JMV0603C240T3R3
24.0
200.0
> 1000
-
3.3
-20% ~ +80%
Typical
Capactance
(C)
pF
%
Part Number
RoHS
ü
MULTILAYER CHIP VARISTOR
JMV C Series: SMD ESD & EMI MOV
C5BC01
2008.3.26


Similar Part No. - JMV0603C050T180

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0603E270T150 RFE-JMV0603E270T150 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0603E270T300 RFE-JMV0603E270T300 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0603E520T030 RFE-JMV0603E520T030 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0603E520T300 RFE-JMV0603E520T300 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
JMV0603E620T150 RFE-JMV0603E620T150 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
More results

Similar Description - JMV0603C050T180

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com