Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HQB180W-10R-J-HP Datasheet(PDF) 2 Page - RFE international

Part # HQB180W-10R-J-HP
Description  HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HQB180W-10R-J-HP Datasheet(HTML) 2 Page - RFE international

  HQB180W-10R-J-HP Datasheet HTML 1Page - RFE international HQB180W-10R-J-HP Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SHORT-TIME OVERLOAD RATING
NEMA STANDARD / ON-OFF CYCLING
(Second) Load Time
5
10
30
60
180
300
600
900 1800
(%) Max. Amps Rated load
400
350
250
200
140
120
110
105
100
Cycling time
5 sec ON
10 sec ON
15 sec ON
15 sec ON
15 sec ON
15 sec ON
(%)
75 sec OFF
70 sec OFF
75 sec OFF
45 sec OFF
30 sec OFF
15 sec OFF
Max. Amps Rated load
290
215
185
160
150
125
Power Derating Curve
0
20
40
60
80
100
120
-50
0
50
100
150
200
Temperature Rise
0
50
100
150
200
250
300
350
0
20
40
60
80
100
Characteristics
Limits
Resistance nominal
1
> R
Resistance Tolerance
±10% (K)
Resistance and Tolerance
Temperature coefficient
Power rating load
Short-time overload
Insulation resistance
Dielectric withstanding voltage
±400ppm/°C max.
R/R<±1%
(Temperature) 375°C max
300% rated power 5 seconds
R/R<±2%
500Vdc 100M
min
3000Vac 1 minute
(%) Percent Rated Load
(°C) Ambient Temperature
HIGH POWER WIRE WOUND RESISTOR
HQ Series: Non-Flammable, Low Resistance
ELECTRICAL SPECIFICATION
ELECTRICAL CURVES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C2E02
REV 2007.12.13


Similar Description - HQB180W-10R-J-HP

ManufacturerPart #DatasheetDescription
logo
RFE international
HRWA10W-10R-J-HS RFE-HRWA10W-10R-J-HS Datasheet
117Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
RFE international
HZA80W-10R-J-HP RFE-HZA80W-10R-J-HP Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
RFE international
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
logo
Token Electronics Indus...
KNP-R TOKEN-KNP-R Datasheet
436Kb / 5P
   Power Wire wound Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com