Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JVR-25N390KPU5L Datasheet(PDF) 1 Page - RFE international

Part # JVR-25N390KPU5L
Description  METAL OXIDE VARISTOR 25mm, Large Size, High Surge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JVR-25N390KPU5L Datasheet(HTML) 1 Page - RFE international

  JVR-25N390KPU5L Datasheet HTML 1Page - RFE international JVR-25N390KPU5L Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
METAL OXIDE VARISTOR
25mm, Large Size, High Surge
DIMENSIONS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C5BB15
2007.5.22
RoHS
ü
FEATURES
• High Surge Capability
• PCB Mountable
• Standard 12.5mm Spacing for good voltage isolation
• RoHS Compliant
µ
µ
Acrms
DC
(V)
(V)
(A)
(W)
(J)
JVR-25N180LPU5L
11
14
18 (15-21)
3,000
1.0
13
JVR-25N220KPU5L
14
18
22 (20-24)
3,000
1.0
16
JVR-25N270KPU5L
17
22
27 (24-30)
3,000
1.0
19
JVR-25N330KPU5L
20
26
33 (30-36)
3,000
1.0
24
JVR-25N390KPU5L
25
31
39 (35-43)
3,000
1.0
28
JVR-25N470KPU5L
30
38
47 (42-52)
3,000
1.0
34
JVR-25N560KPU5L
35
45
56 (50-62)
3,000
1.0
41
JVR-25N680KPU5L
40
56
68 (61-75)
3,000
1.0
49
JVR-25N820KPU5L
50
65
82 (74-90)
3,000
1.0
56
JVR-25N101KPU5L
60
85
100 (90-110)
15,000
1.0
70
JVR-25N121KPU5L
75
100
120 (108-132)
15,000
1.0
85
JVR-25N151KPU5L
95
125
150 (135-165)
15,000
1.0
106
JVR-25N181KPU5L
115
150
180 (162-198)
15,000
1.0
130
JVR-25N201KPU5L
130
170
200 (185-225)
15,000
1.0
140
JVR-25N221KPU5L
140
180
220 (198-242)
15,000
1.0
155
JVR-25N241KPU5L
150
200
240 (216-264)
15,000
1.0
168
JVR-25N271KPU5L
175
225
270 (243-297)
15,000
1.0
190
JVR-25N301KPU5L
190
250
300 (270-330)
15,000
1.0
210
JVR-25N331KPU5L
210
275
330 (297-363)
15,000
1.0
228
JVR-25N361KPU5L
230
300
360 (324-396)
15,000
1.0
255
JVR-25N391KPU5L
250
320
390 (351-429)
15,000
1.0
275
JVR-25N431KPU5L
275
350
430 (387-473)
15,000
1.0
305
JVR-25N471KPU5L
300
385
470 (423-517)
15,000
1.0
350
JVR-25N511KPU5L
320
415
510 (459-561)
15,000
1.0
382
JVR-25N561KPU5L
350
460
560 (504-616)
15,000
1.0
380
JVR-25N621KPU5L
385
505
620 (558-682)
15,000
1.0
380
JVR-25N681KPU5L
420
560
680 (612-748)
15,000
1.0
380
JVR-25N751KPU5L
460
615
750 (675-825)
15,000
1.0
420
JVR-25N781KPU5L
485
640
780 (702-858)
15,000
1.0
440
JVR-25N821KPU5L
510
670
820 (738-902)
15,000
1.0
460
JVR-25N911KPU5L
550
745
910 (819-1001)
15,000
1.0
510
JVR-25N102KPU5L
625
825
1,000 (900-1100)
15,000
1.0
565
JVR-25N112KPU5L
680
895
1,100 (990-1210)
15,000
1.0
620
JVR-25N122KPU5L
750
990
1,200 (1080-1320)
15,000
1.0
631
JVR-25N142KPU5L
880
1,140
1,400 (1260-1540)
15,000
1.0
697
JVR-25N162KPU5L
1,000
1,280
1,600 (1440-1760)
15,000
1.0
805
CSA
VDE
Rated
Wattage
Energy
10/1000
S
UL
Part Number
Maximum
Allowable
Voltage
Withstanding
Surge current
8/20 S
Varistor Voltage
at 1mA
Tolerance
Range
(V)
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü
ü


Similar Part No. - JVR-25N390KPU5L

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-20N101K RFE-JVR-20N101K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N102K RFE-JVR-20N102K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N112K RFE-JVR-20N112K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N121K RFE-JVR-20N121K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR-20N151K RFE-JVR-20N151K Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
More results

Similar Description - JVR-25N390KPU5L

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-40N201K RFE-JVR-40N201K Datasheet
104Kb / 1P
   METAL OXIDE VARISTOR 40mm, Large Size, High Surge
JVR-32N201K RFE-JVR-32N201K Datasheet
95Kb / 1P
   METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-53N201K RFE-JVR-53N201K Datasheet
101Kb / 1P
   METAL OXIDE VARISTOR 53mm, Large Size, High Surge
JVR-34N201K RFE-JVR-34N201K Datasheet
103Kb / 1P
   METAL OXIDE VARISTOR 34mm Square, Large Size, High Surge
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
JVR07S180M65 RFE-JVR07S180M65 Datasheet
112Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc HIGH SURGE
JVR05S180M65 RFE-JVR05S180M65 Datasheet
113Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc HIGH SURGE
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
   METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com