Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMV0805S260T161 Datasheet(PDF) 6 Page - RFE international

Part # JMV0805S260T161
Description  MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JMV0805S260T161 Datasheet(HTML) 6 Page - RFE international

  JMV0805S260T161 Datasheet HTML 1Page - RFE international JMV0805S260T161 Datasheet HTML 2Page - RFE international JMV0805S260T161 Datasheet HTML 3Page - RFE international JMV0805S260T161 Datasheet HTML 4Page - RFE international JMV0805S260T161 Datasheet HTML 5Page - RFE international JMV0805S260T161 Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ELECTRICAL CHARACTERISTICS (Cont’d.)
RoHS
ü
MULTILAYER CHIP VARISTOR
JMV S & E Series: SMD ESD & EMI MOV
1206
1
10
100
1000
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01
1.00E+02
1.00E+03
Current(A)
1206S330
1206S160
1206S5R6
1206S300
1206S140
1206S450
1206S650
max leakage
current
max clamp
ing
voltage
1812
0.1
1
10
100
1000
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Current(A)
1812S380
1812S260
1812S220
Max Clamping
Voltage
Max Leakage
Current
2220
0.1
10
1000
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
Current(A)
2220S380
2220S300
1812S5R6
TEST CURRENT WAVEFORM
10
-7~10-3 DIRECT CURRENT
10
-3~102 8/20£g
sec
2008.3.18
C5BC02


Similar Part No. - JMV0805S260T161

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0402C050T100 RFE-JMV0402C050T100 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T101 RFE-JMV0402C050T101 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T120 RFE-JMV0402C050T120 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T121 RFE-JMV0402C050T121 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T150 RFE-JMV0402C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
More results

Similar Description - JMV0805S260T161

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0603C050T150 RFE-JMV0603C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
logo
EPCOS
B72500E0200K060 EPCOS-B72500E0200K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
B72500E0170K060 EPCOS-B72500E0170K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com