Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS3245Q Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VS3245Q
Description  High Speed CMOS VSwitch 8-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3245Q Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VS3245Q Datasheet HTML 1Page - Vaishali Semiconductor VS3245Q Datasheet HTML 2Page - Vaishali Semiconductor VS3245Q Datasheet HTML 3Page - Vaishali Semiconductor VS3245Q Datasheet HTML 4Page - Vaishali Semiconductor VS3245Q Datasheet HTML 5Page - Vaishali Semiconductor VS3245Q Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2001-04-12
Page 1
MDSS-0007-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Applications
•= 5V to 3.3V translation in mixed-supply environment
•= Hot-swap interface
•= Logic replacement
•= Bus isolation
General Description
The VS3245 and VS32245 are high-speed TTL–compatible 8-bit bus switches. The VS3245 contains eight
high-speed bus switches, with a common active low enable (/OE). The low ON resistance of the VS3245
allows inputs to be connected to outputs, without adding propagation delay and without generating additional
signal noise. The VS32245 has 25
Ω resistors in series with the switches to reduce ground-bounce noise and
signal reflection.
The VS3245 and VS32245 bus switches are function and pinout compatible with QS3245 and CBT3245
switches. They enable 5V to 3.3V translation when used with a diode in the power supply line. In addition,
the high off-isolation in the ‘disable’ mode makes VS3245 and VS32245 ideal interface elements for hot-swap
applications.
Figure 1. Functional Block Diagram
Figure 2. Pin Configuration
VS3245 / VS32245
High Speed CMOS VSwitch
8-Bit Bus Switches
Features
•= Enhanced N-FET with no DC path to VCC
or GND in normal operating signal voltage
range.
•= Low impedance bidirectional data flow:
5
Ω (VS3245) and 25Ω (VS32245)
•= Pin-compatible with QS3245 and CBT3245
switches.
•= Near-zero propagation delay
•= Zero added ground bounce or signal noise
•= TTL-compatible control signals
•= Undershoot clamp diodes on all switch and
control pins
•= ESD rating >2000V (Human Body Model)
or >200V (Machine Model)
•= Latch-up current >100mA
•= Available in 150-mil wide QSOP package
(All Pins Top View)
QSOP
/OE
B7
B0
B1
B2
A0
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
A7
GND
VCC
1
2
3
4
8
5
6
7
9
10
20
19
18
17
16
15
14
13
12
11
NC
A0
A1
A2
A3
A4
A5
A6
A7
/OE
B0
B2
B3
B4
B5
B1
B6
B7


Similar Part No. - VS3245Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3244Q VAISH-VS3244Q Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3244QX VAISH-VS3244QX Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
More results

Similar Description - VS3245Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
   High Speed CMOS VSwitch 16-Bit Bus Switches
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
logo
Integrated Device Techn...
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com