Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMV1206S300T401 Datasheet(PDF) 3 Page - RFE international

Part # JMV1206S300T401
Description  MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JMV1206S300T401 Datasheet(HTML) 3 Page - RFE international

  JMV1206S300T401 Datasheet HTML 1Page - RFE international JMV1206S300T401 Datasheet HTML 2Page - RFE international JMV1206S300T401 Datasheet HTML 3Page - RFE international JMV1206S300T401 Datasheet HTML 4Page - RFE international JMV1206S300T401 Datasheet HTML 5Page - RFE international JMV1206S300T401 Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
ELECTRICAL CHARACTERISTICS
MULTILAYER CHIP VARISTOR
JMV S & E Series: (SMD Surge Protection)
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<15µA
1mA (DC)
1A, 8/20µs
8/20 s
10/1000 s
1kHz
1MHz
JMV0402S5R6T301
5.6
8.0~10
22.0
20
0.05
-
300
JMV0402S090T201
9.0
10.0~15.0
32.0
20
0.05
-
200
JMV0402S140T850
14.0
16.2~19.8
38.0
20
0.05
-
85
JMV0402S180T550
18.0
21.6~26.0
45.0
20
0.05
-
55
JMV0402E200T220
12.0
15.0~25.0
50.0
1max
0.05max
-
22
JMV0402E270T150
17.0
21.6~32.4
66.0
1max
0.05max
-
15
JMV0402E270T300
17.0
21.6~32.4
66.0
1max
0.05max
-
30
JMV0402E520T030
34.0
41.6~62.4
130.0
1max
0.05max
-
3
0402 Size
Part Number
Typical
Capactance
(C)
pF
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<15µA
1mA (DC)
1A, 8/20µs
8/20 s
10/1000 s
1kHz
1MHz
JMV0603S5R6T102
5.6
6.4~9.6
19.0
30
0.1
1000
-
JMV0603S5R6T351
5.6
6.4~9.6
19.0
30
0.1
350
-
JMV0603S090T651
9.0
10.0~15.0
27.0
30
0.1
650
-
JMV0603S090T331
9.0
10.0~15.0
27.0
30
0.1
330
-
JMV0603S140T451
14.0
16.2~19.8
37.0
30
0.1
450
-
JMV0603S140T181
14.0
16.2~19.8
37.0
30
0.1
180
-
JMV0603S180T281
18.0
21.6~26.0
46.0
30
0.1
280
-
JMV0603S180T111
18.0
21.6~26.0
46.0
30
0.1
110
-
JMV0603S260T151
26.0
31.0~38
62.0
30
0.1
150
-
JMV0603S260T800
26.0
31.0~38
62.0
30
0.1
80
-
JMV0603S300T101
30.0
37.0~46.0
73.0
30
0.1
100
-
JMV0603E270T150
17.0
21.6~32.4
66.0
2max.
0.05 max.
-
15
JMV0603E270T300
17.0
21.6~32.4
66.0
2max.
0.05 max.
-
30
JMV0603E520T030
34.0
41.6~62.4
130.0
2max.
0.05 max.
-
3
JMV0603E620T150
45.0
55.8~68.2
120.0
2max.
0.05 max.
-
15
JMV0603E520T300
45.0
55.8~68.2
120.0
2max.
0.05 max.
-
30
Typical
Capactance
(C)
pF
0603 Size
Part Number
Working
Voltage
(Vw)
Breakdown
Voltage (Vb)
Clamping
Voltage
(Vc)
Peak Current
(Ip)
Transient
Energy (Et)
Volt
Volt
Volt
Amp
Joule
<15µA
1mA (DC)
1A, 8/20µs
8/20 s
10/1000 s
1kHz
1MHz
JMV0805S5R6T132
5.6
6.4~9.6
19.0
40
0.1
1300
-
JMV0805S5R6T451
5.6
6.4~9.6
19.0
40
0.1
450
-
JMV0805S5R6T661
5.6
6.4~9.6
19.0
40
0.1
660
-
JMV0805S090T781
9.0
10.0~15.0
27.0
40
0.1
780
-
JMV0805S090T271
9.0
10.0~15.0
27.0
40
0.1
270
-
JMV0805S120T531
12.0
14.0~18.3
34.0
40
0.1
530
-
JMV0805S120T431
12.0
14.0~18.3
34.0
40
0.1
430
-
JMV0805S120T251
12.0
14.0~18.3
34.0
40
0.1
250
-
JMV0805S140T381
14.0
16.2~19.8
37.0
40
0.1
380
-
JMV0805S140T201
14.0
16.2~19.8
37.0
40
0.1
200
-
JMV0805S180T351
18.0
21.6~26.0
46.0
40
0.1
350
-
JMV0805S180T111
18.0
21.6~26.0
46.0
40
0.1
110
-
JMV0805S260T161
26.0
31.1~38.0
62.0
40
0.1
160
-
JMV0805S260T101
26.0
31.1~38.0
62.0
40
0.1
100
-
JMV0805S300T101
30.0
37.0~46.0
73.0
40
0.1
100
-
JMV0805S300T311
30.0
37.0~46.0
73.0
100
0.1
310
-
0805 Size
Part Number
Typical
Capactance
(C)
pF
2008.3.18
C5BC02


Similar Part No. - JMV1206S300T401

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0402C050T100 RFE-JMV0402C050T100 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T101 RFE-JMV0402C050T101 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T120 RFE-JMV0402C050T120 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T121 RFE-JMV0402C050T121 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T150 RFE-JMV0402C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
More results

Similar Description - JMV1206S300T401

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0603C050T150 RFE-JMV0603C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
logo
EPCOS
B72500E0200K060 EPCOS-B72500E0200K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
B72500E0170K060 EPCOS-B72500E0170K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com