Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMV1210S300T122 Datasheet(PDF) 1 Page - RFE international

Part # JMV1210S300T122
Description  MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

JMV1210S300T122 Datasheet(HTML) 1 Page - RFE international

  JMV1210S300T122 Datasheet HTML 1Page - RFE international JMV1210S300T122 Datasheet HTML 2Page - RFE international JMV1210S300T122 Datasheet HTML 3Page - RFE international JMV1210S300T122 Datasheet HTML 4Page - RFE international JMV1210S300T122 Datasheet HTML 5Page - RFE international JMV1210S300T122 Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
MULTILAYER CHIP VARISTOR
JMV S & E Series: (SMD Surge Protection)
INTRODUCTION
Metal Oxide based chip varistors (JMVs) are used for transient
voltage suppression. JMVs have non-linear voltage-current
behavior, which is similar to that of Zener Diode. Each grain in
JMV exhibits small p-n junction and has much better electrical
reliability than Zener Diode. JMV’s exhibit better electrical
properties such as excellent clamping voltage and low leakage
current.
• Small size and SMD compatibility
• Excellent clamping performance
• High transient current capability
• Fastest response time
• Low voltage available
FEATURES
2008.3.18
C5BC02
RoHS
ü
DIMENSIONS & CONSTRUCTION
APPLICATIONS
• IC and transistor protection
• Computer ESD and I/O protection
• Telecommunication transient protection
• Automotive circuitry applications
Dimensions
mm
ELECTRICAL DATA
PART NUMBER EXAMPLE JMV 0805 S 090 T 781
Capacitance Value:
Packaging: T = Tape in Reel
Working Voltage:
Multilayer Varistor Series
S = Surge Series
E = ESD Series
Multilayer Varistor Size
(See Dimension Table)
Multilayer Varistor
DC
µ
µ
T
°
°
°
°
General Specification
Steady State of Applied Voltage:
DC Voltage Range (Vw )
Non-Repetitive Surge Current (8/20 S)
20A to 100A
Non-Repetitive Energy (10/1000 s) Waveform (E )
0.05 J to 12J
Operating Ambient Temperature Range
-55 C to 125 C
Storage Temperature Range
-55 C to 150 C
Item
3.3 V to 65 V
Continuous
Rating
Transient
Rating
Chip
Size
0402 1.0 + 0.1
0.5 + 0.10
0.25 + 0.15
0603 1.6 + 0.15
0.8 + 0.15
0.35 + 0.15
0805 2.0 + 0.2
1.25 + 0.20
1206 3.2 + 0.2
1.6 + 0.20
1210 3.2 + 0.2
2.5 + 0.20
1812 4.5 + 0.4
3.2 + 0.40
2220 5.7 + 0.4
5.0 + 0.40
0.71 max
0.71 max
0.8 max
0.8 max
0.6 max
0.9 max
1.02 max
0.71 max
1.8 max
1.8 max
2.0 max
2.5 max
A
L
W
T
Sym. Cap. Sym. Cap. Sym. Cap. Sym. Cap.
150
15
141
140
351
350
651
650
300
30
181
180
361
360
781
780
900
90
201
200
381
380
102
1000
101
100
231
230
501
500
132
1300
121
120
281
280
531
530
182
1800
Sym. Voltage Sym. Voltage
3R3
3.3 V
5R6
5.6 V
090
9.0 V
140
14 V
180
18 V
260
26 V
270
27 V
300
30 V


Similar Part No. - JMV1210S300T122

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0402C050T100 RFE-JMV0402C050T100 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T101 RFE-JMV0402C050T101 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T120 RFE-JMV0402C050T120 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T121 RFE-JMV0402C050T121 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
JMV0402C050T150 RFE-JMV0402C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
More results

Similar Description - JMV1210S300T122

ManufacturerPart #DatasheetDescription
logo
RFE international
JMV0603C050T150 RFE-JMV0603C050T150 Datasheet
691Kb / 10P
   MULTILAYER CHIP VARISTOR JMV C Series: (SMD ESD & EMI MOV)
logo
EPCOS
B72500E0200K060 EPCOS-B72500E0200K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
B72500E0170K060 EPCOS-B72500E0170K060 Datasheet
167Kb / 13P
   SMD multilayer varistor, E series
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com