Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS32345Q Datasheet(PDF) 6 Page - Vaishali Semiconductor

Part # VS32345Q
Description  High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS32345Q Datasheet(HTML) 6 Page - Vaishali Semiconductor

  VS32345Q Datasheet HTML 1Page - Vaishali Semiconductor VS32345Q Datasheet HTML 2Page - Vaishali Semiconductor VS32345Q Datasheet HTML 3Page - Vaishali Semiconductor VS32345Q Datasheet HTML 4Page - Vaishali Semiconductor VS32345Q Datasheet HTML 5Page - Vaishali Semiconductor VS32345Q Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VS3345/VS32345
2001-04-12
Page 6
MDSS-0010-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Switching Waveforms
Ordering Information
Part Number
No. of Pins
Package
Temperature
VS3345Q
20
QSOP
-40
°C to +85°C
VS32345Q
20
QSOP
-40
°C to +85°C
tPLH
tPHL
Input
Switch Output
1.5 V
3.0 V
1.5 V
0 V
VOL
VOH
Propagation Delay
tPHZ
tPZH
Control Input
Switch Output
(Switch Input = 3.0 V)
3.0 V
1.5 V
1.5 V
0.3 V
0 V
VOH
VOL
0 V
3.5 V
0.3 V
Switch Output
(Switch Input = 0 V)
Switch ON
Switch OFF
Switch ON
1.5 V
tPLZ
tPZL
Enable and Disable Times


Similar Part No. - VS32345Q

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VS3207AT DOINGTER-VS3207AT Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vaishali Semiconductor
VS32244Q VAISH-VS32244Q Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32244QX VAISH-VS32244QX Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32245Q VAISH-VS32245Q Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32245QX VAISH-VS32245QX Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
More results

Similar Description - VS32345Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
   High Speed CMOS VSwitch 16-Bit Bus Switches
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
   2-Bit Bus Switch with Active Low Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com