Electronic Components Datasheet Search |
|
JVR07S241K65P Datasheet(PDF) 1 Page - RFE international |
|
JVR07S241K65P Datasheet(HTML) 1 Page - RFE international |
|
1 / 1 page C5BB04 REV 2007.7.27 METAL OXIDE VARISTOR 7mm Disc HIGH SURGE 7 f JVR VARISTOR 1) The clamping voltage from 180M to 680K are tested with current 2.5A. For application required ratings not shown, contact RFE application engineering. £ : Lead Style Y: vertical kink (standard) P: straight leads rr : Lead Length / Packing Method PULSE RATING CURVES JVR-07S180M ~ JVR-07S680K Rectangular Wave (msec.) 100 10 1 .1 20 200 2000 C5BB04 REV 2007.7.27 METAL OXIDE VARISTOR 7mm Disc HIGH SURGE 7 f JVR VARISTOR 1) The clamping voltage from 180M to 680K are tested with current 2.5A. For application required ratings not shown, contact RFE application engineering. £ : Lead Style Y: vertical kink (standard) P: straight leads rr : Lead Length / Packing Method PULSE RATING CURVES JVR-07S180M ~ JVR-07S680K Rectangular Wave (msec.) 100 10 1 .1 20 200 2000 Pulse 1 2 10 100 1,000 10,000 100,000 1,000,000 Rectangular Wave (msec.) JVR-07S820K ~ JVR-07S821K 100 10 1 20 200 2000 C5BB04 REV 2007.7.27 METAL OXIDE VARISTOR 7mm Disc HIGH SURGE 7 f JVR VARISTOR 1) The clamping voltage from 180M to 680K are tested with current 2.5A. For application required ratings not shown, contact RFE application engineering. £ : Lead Style Y: vertical kink (standard) P: straight leads rr : Lead Length / Packing Method PULSE RATING CURVES JVR-07S180M ~ JVR-07S680K Rectangular Wave (msec.) 100 10 1 .1 20 200 2000 Pulse 1 2 10 100 1,000 10,000 100,000 1,000,000 Rectangular Wave (msec.) JVR-07S820K ~ JVR-07S821K 100 10 1 20 200 2000 Pulse 1 2 10 100 1,000 10,000 100,000 1,000,000 RoHS ü Y Type (most popular) P Type RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com Part Number JVR07S180M65£rr JVR07S220L 65£rr JVR07S270K65£rr JVR07S330K65£rr JVR07S390K65£rr JVR07S470K65£rr JVR07S560K65£rr JVR07S680K65£rr JVR07S820K65£rr JVR07S101K65£rr JVR07S121K65£rr JVR07S151K65£rr JVR07S181K65£rr JVR07S201K65£rr JVR07S221K65£rr JVR07S241K65£rr JVR07S271K65£rr JVR07S301K65£rr JVR07S331K65£rr JVR07S361K65£rr JVR07S391K65£rr JVR07S431K65£rr JVR07S471K65£rr JVR07S511K65£rr JVR07S561K65£rr JVR07S621K65£rr JVR07S681K65£rr JVR07S751K65£rr JVR07S781K65£rr JVR07S821K65£rr - Varistor Voltage V@0.1mA (V) Tolerance Range 18 22 27 33 39 47 56 68 82 100 120 150 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 780 820 + 20% + 15% +10% Maximum Allowable Voltage ACrms (V) DC (V) 11 14 17 20 25 30 35 40 50 60 75 95 115 130 140 150 175 195 210 230 250 275 300 320 350 385 420 460 485 510 14 18 22 26 31 38 45 56 65 85 100 125 150 170 180 200 225 250 275 300 320 350 385 418 460 505 560 615 640 670 Withstanding Surge Current 1Time (A) 2 Times (A) 500 1750 250 1250 Rated Wattage (W) 0.02 0.25 Maximum Clamping Voltage V@ 5A (V) 36 43 53 65 77 93 110 135 135 165 200 250 300 340 360 395 455 505 550 595 650 710 775 842 920 1025 1120 1240 1290 1355 l 1) l l l l l l l Energy 10/1000 ms (J) 1.5 1.7 2.1 2.8 3.0 3.8 4.4 5.4 7.0 9.0 11.0 13.0 16.0 17.5 19.0 21.0 24.0 26.0 28.0 32.0 35.0 40.0 42.0 45.0 51.0 54.0 56.0 58.0 59.0 60.0 UL ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü CSA ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü VDE ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü ü |
Similar Part No. - JVR07S241K65P |
|
Similar Description - JVR07S241K65P |