Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS3V253Q Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VS3V253Q
Description  High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3V253Q Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VS3V253Q Datasheet HTML 1Page - Vaishali Semiconductor VS3V253Q Datasheet HTML 2Page - Vaishali Semiconductor VS3V253Q Datasheet HTML 3Page - Vaishali Semiconductor VS3V253Q Datasheet HTML 4Page - Vaishali Semiconductor VS3V253Q Datasheet HTML 5Page - Vaishali Semiconductor VS3V253Q Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS3V253/VS3V2253
Advance Information
2000-11-28
Page 3
MDSS-0003-01
Vaishali Semiconductor
1300 White Oaks Road
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 5. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Power supply voltage
2.3
3.6
V
VIL
Low level input voltage
(Control inputs)
Vcc = 2.3 to 2.7
Vcc =2.7 to 3.6
0.7
0.8
V
VIH
High level input voltage
(Control inputs)
Vcc = 2.3 to 2.7
Vcc = 2.7 to 3.6
1.7
2.0
V
TA
Operating free-air temperature
-40
85
oC
Note: All unused control inputs of the device must be held at Vcc or GND, to ensure proper device operation
Table 6. Electrical Characteristics Over Recommended Operating Free-air Temperature Range
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Control Inputs
-1.5
VIK
Clamp Voltage
Switch I/O
VCC = Min, IIK = -18 mA
-1.5
V
VOH
Logic High Voltage
Switch I/O
VIN = VCC = 3.3V, IOUT = -100
µA
VIN = VCC = 2.5V, IOUT = -100
µA
2.3
1.5
2.7
2.0
V
II
Input Leakage Current
Control Inputs
VCC = Max, VI = VCC or GND
1
µA
Control Inputs
|OFF|
Power OFF Leakage
Current
Switch I/O
VCC = 0, VI or VO = VCC or GND
1
µA
|IOZ|
OFF State Leakage
Current
Switch I/O
VCC = Max, VI/O = VCC,
/EA = /EB = VCC
1
µA
VS3V253
50
mA
IODL
Switch I/O Drive
Current (Logic LOW)
VCC = 3.0V, VIN = 0,
VOUT = 0.7V
VS3V2253
30
mA
VS3V253
-50
mA
IODH
Switch I/O Drive
Current (Logic HIGH)
VCC = 3.0V, VIN = VCC,
VOUT = 1.8V
VS3V2253
-20
mA
VS3V253
5
(2)
7
VCC = 3.0V, VIN = 0,
IOUT = 15mA
VS3V2253
20
28
(2)
40
VS3V253
10
(3)
14
RON
Switch ON
Resistance
(1)
VCC = 2.3V, VIN = 0V,
IOUT = 8mA
VS3V2253
23
35
(3)
48
Notes:
1.
RON is measured by forcing specified current into the ‘output’ node of the switch with the ‘input’ node of the switch
at the specified voltage.
2.
Typical value is specified at VCC = 3.3V and TA = 25
oC.
3.
Typical value is specified at VCC = 2.5V and TA = 25
o
Table 7. Power Supply Characteristics Over Recommended Operating Free-air Temperature Range
Symbol
Parameter
Test Conditions
(1)
Max
Units
ICCQ
Quiescent Power Supply Current
VCC = 3.6V,
SX, /EX = VCC or GND, f = 0
1
µA
∆ICC
Power Supply Current per Input High
(2) (Control Inputs)
VCC = 3.6V, VIN = 3.0V, f = 0
VCC = 2.7V, VIN = 2.0V, f = 0
300
µA
QCCD
Dynamic Power Supply Current
(3)
VCC = Max, Switch pins open,
Control Inputs toggling at 50% duty cycle
0.15
mA/MHz
Notes:
1.
For conditions shown as Min or Max, use the appropriate values per Recommended Operating Conditions.
2.
Per control input. All other control inputs at GND. Switch I/O pins do not contribute to
∆ICC.
3.
This parameter represents the average DC current resulting from the switching of internal nodes of the device at a
given frequency. The switch I/O pins make insignificant contribution to the dynamic power supply current of the
device. This parameter is guaranteed, but not production tested.


Similar Part No. - VS3V253Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V257Q VAISH-VS3V257Q Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V257QX VAISH-VS3V257QX Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
More results

Similar Description - VS3V253Q

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
   High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS32253 IDT-IDTQS32253 Datasheet
76Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS3253 IDT-IDTQS3253_06 Datasheet
223Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3253 RENESAS-IDTQS3253 Datasheet
391Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
FEBRUARY 2006
logo
Pericom Semiconductor C...
PI3DBS3224 PERICOM-PI3DBS3224 Datasheet
1Mb / 10P
   3.3V High Speed 2 : 4 Differential Mux/Demux
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com