Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS3V257 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VS3V257
Description  High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3V257 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VS3V257 Datasheet HTML 1Page - Vaishali Semiconductor VS3V257 Datasheet HTML 2Page - Vaishali Semiconductor VS3V257 Datasheet HTML 3Page - Vaishali Semiconductor VS3V257 Datasheet HTML 4Page - Vaishali Semiconductor VS3V257 Datasheet HTML 5Page - Vaishali Semiconductor VS3V257 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS3V257/VS3V2257
2000-11-28
Page 4
MDSS-0001-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
0
1
2
3
VIN (V)
2
VIN (V)
Vcc=3.3V
Vcc=3.0V
Vcc=3.5V
3
1
VOUT
(V)
Vcc=2.3V
Vcc=2.5V
Vcc=2.7V
3
VOLTAGE TRANSLATION
VOH CHARACTERISTICS
Figure 3. 3.3V to 2.5V Translation
(TA + 25
°C)
Figure 4. 2.5V to 1.8V Translation
(TA + 25
°C)
Figure 5. VOH CHARACTERISTICS
(Vcc = 3.3V nominal)
Supply Voltage – VCC (V)
(TA + 25
°C)
VOH
(V)
Supply Voltage – VCC (V)
(TA + 25
°C)
0
1.0
2.0
3.0
2.2
2.3
2.4
2.5
2.8
2.7
2.6
Figure 6. VOH CHARACTERISTICS
(Vcc = 2.5V nominal)
VOUT
(V)
1
2
4
0
1
2
3
4
VOH
(V)
0
1.0
2.0
3.0
2.9
3.1
3.3
3.6
3.7
3.0
3.2
3.4
3.5
Vcc=3.3V
Vcc=3.0V
Vcc=3.6V


Similar Part No. - VS3V257

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
VS3V253Q VAISH-VS3V253Q Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
VS3V253QX VAISH-VS3V253QX Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
More results

Similar Description - VS3V257

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
logo
Pericom Semiconductor C...
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
logo
Integrated Device Techn...
IDTQS3257QG IDT-IDTQS3257QG Datasheet
219Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
IDTQS3257 IDT-IDTQS3257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com