Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

196-PRS16X16-12 Datasheet(PDF) 2 Page - Aries Electronics, Inc.

Part # 196-PRS16X16-12
Description  ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

196-PRS16X16-12 Datasheet(HTML) 2 Page - Aries Electronics, Inc.

  196-PRS16X16-12 Datasheet HTML 1Page - Aries Electronics, Inc. 196-PRS16X16-12 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
ZIF PGA Test & Burn-in Socket for
Any Footprint on Std 13x13 to 21x21 Grid
SPECIAL FOOTPRINT INSTRUCTIONS
1. Make a copy of this sheet
2. Fill-in circles for footprint desired using the key below
3. Fill-in the information below, including Series and Plating
options. See Ordering Information above
4. Send sheet to Aries for prompt quote
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
TOP VIEW
COMPANY NAME ___________________________
ADDRESS ________________________________
CITY ____________________________________
REQUESTED BY ____________________________
PHONE __________________________________
DATE ___________________________________
TOTAL NUMBER OF PINS _____________________
SERIES (circle one)
PRS
PLS
PLATING (circle one)
2
KEY
= no pin
= pin
X = plug hole
10004
Rev. AB
2 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 196-PRS16X16-12

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
196-3437-XX TEKTRONIX-196-3437-XX Datasheet
1Mb / 8P
   4 GHz Active Probe
196-3456-XX TEKTRONIX-196-3456-XX Datasheet
1Mb / 8P
   4 GHz Active Probe
196-3457-XX TEKTRONIX-196-3457-XX Datasheet
1Mb / 8P
   4 GHz Active Probe
196-3482-XX TEKTRONIX-196-3482-XX Datasheet
1Mb / 8P
   4 GHz Active Probe
196-3520-00 TEKTRONIX-196-3520-00 Datasheet
864Kb / 12P
   Digital Multimeters
More results

Similar Description - 196-PRS16X16-12

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
289-PRS17001-12 ARIES-289-PRS17001-12 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
10004HT ARIES-10004HT Datasheet
1Mb / 2P
   High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
logo
Abracon Corporation
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
   Suitable for high temperature burn-in test
07.10.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com