Selected language     English  ▼


9-002-172PTLHT Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part No. 9-002-172PTLHT
Description  Flat Pin Staked Flex Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARIES [Aries Electronics, Inc.]
Homepage  http://www.arieselec.com
Logo 

   
 1 page
background image
Series 171 thru 173
Flat Pin Staked Flex Jumpers
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• Aries Flat Pin Staked Flex Jumpers combine thin, flexible, solid Copper
conductors embedded between layers of tough, flexible, flame-
retardant insulation.
• Consult factory for cable lengths under 2.000 [50.80].
• See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
• For RoHS applications for Lead-Free Soldering use HT Cable.
GENERAL SPECIFICATIONS:
• Standard cable insulation is white UL VW-1, Style 2643 flame retardant
Polyester (Mylar) adhesive.
• High temperature flame retardant cable insulation is Polyimide
(Kapton) insulation with acrylic adhesive.
• Cable conductors are solid Copper with a cross-sectional area equiva-
lent to that of 26 gauge AWG.
• Female housing is black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
• Female and male “crimp-on” pins are spring-tempered Copper
Alloy 510.
• Female and male pin plating:
T
= 100
μ” [2.54μm] min. Matte Tin per ASTM-B545-97 over 50μ” Min
Nickel per SAE-AMS-QQ-N-290
TL
= 100
μ” [2.54μm] min. 93/7 Tin/Lead per SAE-AMS-P-81728 over
50
μ” [1.27μm] min. Nickel per SAE-AMS-QQ-N-290.
• Cable current rating=3 Amps.
• Cable voltage rating=300 Volts.
• Cable dielectric strength=2500 Volts/mil, minimum (standard)
=4000 Volts/mil, minimum (high temp.).
• Cable insulation resistance=1000 MOhms minimum (standard)
=100,000 MOhms (high temp.).
• Operating temperature=-67 to 257°F [-55 to 105°C].
• Female housing accepts leads .024-.030 [.61-.76] square, .150 [3.81]
long minimum.
MOUNTING CONSIDERATIONS:
•Suggested PCB hole size=.032 ± .002 [.81 ± .05] dia.
MALE CONTACT DETAIL
ORDERING INFORMATION
No. of conductors
(4 thru 40)
Cable length: “L” in inches:
Min. Cable Length = 2.00” (-002-)
2” = -002-
2.5” = -002.5-
2.25” = -002.25-
2.125” = -002.125-
Jumper series:
171: male Tin both ends
172: male Tin/female Tin
173: female Tin both ends
CABLE DETAIL
Kapton is a registered trademark of DuPont
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
11005
REV. J
Page 1 of 2
XX-XXXXX-17XXXXXX
Optional Suffix:
P= polarization
stripe along one
edge of cable**
** Aries reserves the right to
ship with or without a polariza-
tion stripe unless otherwise
specified by the customer
Optional Suffix:
TL = Tin/Lead
Plating
Optional Suffix:
HT = High
temp. cable
insulation
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl