Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVM-S420CW3WS Datasheet(PDF) 6 Page - Bright View Electronic Co., LTD.

Part # BVM-S420CW3WS
Description  LED STRIP LIGHT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S420CW3WS Datasheet(HTML) 6 Page - Bright View Electronic Co., LTD.

  BVM-S420CW3WS Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-S420CW3WS Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
■ PACKING
BVM-S420CW3 series
Bright View Electronics
LED STRIP LIGHT
ITEM NO.
DEVICE:
Q'TY
SETS.
N. W.:
KGS.
G. W.:
KGS.
CARTON
Dimension(cm): 54x46x42
RE
Y
Date:2008/06/05
Page:6 of 7
Version-C


Similar Part No. - BVM-S420CW3WS

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
   RGB STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
BVM-S450B3S BVLED-BVM-S450B3S Datasheet
138Kb / 7P
   LED STRIP LIGHT
BVM-S450G3S BVLED-BVM-S450G3S Datasheet
138Kb / 7P
   LED STRIP LIGHT
BVM-S450O3S BVLED-BVM-S450O3S Datasheet
138Kb / 7P
   LED STRIP LIGHT
More results

Similar Description - BVM-S420CW3WS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
   LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
   LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
   LED Light Strip
logo
Bright View Electronic ...
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
   LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
   LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
   LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
   LED Light Strip
OSMW60E32GM-R5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-R5MAS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
2Mb / 8P
   WLS15 LED Strip Light
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com