Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COMPAC Datasheet(PDF) 2 Page - Vicor Corporation

Part # COMPAC
Description  DC-DC Switchers 50 to 600W 1-3 Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

COMPAC Datasheet(HTML) 2 Page - Vicor Corporation

  COMPAC Datasheet HTML 1Page - Vicor Corporation COMPAC Datasheet HTML 2Page - Vicor Corporation COMPAC Datasheet HTML 3Page - Vicor Corporation COMPAC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ComPAC Specifications
(Typical at 25°C, nominal line and 75% load, unless otherwise specified)
E-GRADE
C-, I-, M-GRADE
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
BROWNOUT*
TRANSIENT**
UNITS
NOTES
Input Characteristics
24V
21
24
32
21
24
32
18
36
Vdc
See Fusing Information below
24V Wide
18
24
36
18
24
36
n/a
n/a
Vdc
See Fusing Information below
48V
42
48
60
42
48
60
36
72
Vdc
See Fusing Information below
48V Wide
36
48
76
36
48
76
n/a
n/a
Vdc
See Fusing Information below
300V
200
300
400
200
300
400
170
425
Vdc
See Fusing Information below
No load power dissipation
3
1.35
2
1.35
2
Watts
Master disable input current
3
4
4
mA
Sink or source into disable
(Absolute max., 20 mA)
optocoupler
Quiescent Input current
logic disable
3
7
10
7
10
mA
Current drawn from source
when disabled
Reverse polarity protection
No damage to unit with
external fuse
Output Characteristics (applies to each output individually)
Setpoint accuracy
1%
2%
0.5%
1%
V
NOM
Load/line regulation
0.5%
0.05%
0.2%
V
NOM
LL to HL, 10% to full load
Load/line regulation
1%
0.2%
0.5%
V
NOM
LL to HL, no load to full load
Output temperature drift
0.02
0.01
0.02
%/°C
Over rated temperature
Long term drift
0.02
0.02
%/1k hours
Output ripple
2V, 3.3V
150mV
60mV
100mV
Vp-p
20 MHz bandwidth
5V
5%
2%
3%
Vp-p
20 MHz bandwidth
10-48V
3%
0.75%
1.5%
Vp-p
20 MHz bandwidth
Output voltage trimming
1
50%
110%
50%
110%
Total remote sense
compensation
1
0.5
0.5
Volts
0.25V max. neg. leg
OVP set point
125%
115%
125%
135%
V
NOM
Recycle power
Current limit
105%
135%
105%
125%
I
NOM
Automatic restart
Short circuit current
2
20%
140%
20%
130%
I
NOM
Thermal Characteristics
Efficiency
78-88%
80-90%
@5V and higher
Shutdown temp. — case
90
95
105
90
95
105
°C
Cool and recycle power to restart
Operating temp. — case
85
85
°C
See Thermal Curves
Isolation Characteristics
Isolation
Input to output
4,242
4,242
Vdc
Output to case
707
707
Vdc
Input to case
2,121
2,121
Vdc
Mechanical Specifications
Weight
3
19.2 (544)
19.2 (544)
Ounces (Grams)
Fusing Information
Input voltage
24V
48V
300V
LC series (200W)
10A
7A
2A
MC, PC series (400W)
20A
15A
4A
NC, QC, RC series (600W)
35A
25A
6A
Safety Agency Approvals
UL, CSA, TÜV, VDE, IEC 950, CE Marked
Environmental Characteristics/Product Grade Designators (Temperatures apply to product case.)
E-Grade
C-Grade
I-Grade
M-Grade
Storage temperature
-20°C to +100°C
-40°C to +100°C
-55°C to +100°C
-65°C to +100°C
Operating temperature
-10°C to +85°C
-25°C to +85°C
-40°C to +85°C
-55°C to +85°C
EMI / EMC Characteristics (Performed on selected samples representative of the ComPac product family.)
Input surge withstand
(Up to 200 mS, Z
s = .5Ω, no interruption of performance, see: Long Term Safe Operating Area Curves, pg.2)
IEC 61000-4-5 level 2
Conducted Emissions
British Telecom BTR 2511, Issue 2
EN 55022, class B
ESD
IEC 61000-4-2 level 4
*Brownout 75% of rated load.
**Transient voltage for one second.
110V, 12V and 15V outputs, trim range ± 10%. Consult factory for wider trim range.
2Output voltages of 5V or less incorporate foldback current limiting, outputs greater than 5V incorporate straight line current limiting.
3For MC, PC series, multiply by 2; for NC, QC, RC series, multiply by 3.
ComPAC 10/02
2 of 4


Similar Part No. - COMPAC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
More results

Similar Description - COMPAC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
   50 to 600W Autoranging AC-DC Switchers
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
   50 to 600 Watt Autoranging AC-DC Switchers
REV.3
logo
Delta Electronics, Inc.
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
Q48SC12050 DELTA-Q48SC12050 Datasheet
1Mb / 26P
   600W DC/DC Power Modules
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com