Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRWC800W-10R-J-HX Datasheet(PDF) 2 Page - RFE international

Part # HRWC800W-10R-J-HX
Description  HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HRWC800W-10R-J-HX Datasheet(HTML) 2 Page - RFE international

  HRWC800W-10R-J-HX Datasheet HTML 1Page - RFE international HRWC800W-10R-J-HX Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH POWER WIRE WOUND RESISTOR
HRW Series: Non-Flammable
C2E01
REV 2002.08.14
(Second) Load Time
1
2
3
4
5
10
30
60
180
300
600
900
(%) Power Increase
2600 2000 1600 1400 1300 1000 600
450
200
150
120
110
Temperature Rise
0
50
100
150
200
250
300
350
0
20
40
60
80
100
(%) Percent Rated Load
Power Derating Curve
0
20
40
60
80
100
120
-50
0
50
100
150
200
(°C) Ambient Temperature
Characteristics
Limits
Test methods
Resistance Nominal
1 <R
1 >R
Resistance Tolerance
±5%(J)
±10%(K)
JIS-C-5202
Resistance and tolerance
JIS-C-5202
Temperature coefficient
JIS-C-5202
Power rating load
1000% rated power 5 seconds
R/R < ±(2% + 0.05 )
JIS-C-5202
Short-time overload
JIS-C-5202
Insulation resistance
DC500V 100M
min.
JIS-C-5202
Dielectric withstanding voltage
AC3000V 1 minute
5-1
5-2b
5-4
5-5
5-6
5-7
R/R < ±(2% + 0.05 )
(Temperature) 350°C max.
±200PPM/°C max
ELECTRICAL SPECIFICATION
ELECTRICAL CURVES
SHORT-TIME OVERLOAD RATING
BODY TYPE CONFIGURATIONS (All Diagrams showing HS type hardware)
Type A (Fixed Resistor)
Type B (Fixed With Tap)
Type C (Adjustable Resistor)


Similar Part No. - HRWC800W-10R-J-HX

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRW0202 HITACHI-HRW0202 Datasheet
31Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202A HITACHI-HRW0202A Datasheet
31Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRW0202A RENESAS-HRW0202A Datasheet
72Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Guangdong Kexin Industr...
HRW0202A KEXIN-HRW0202A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Hitachi Semiconductor
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRWC800W-10R-J-HX

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
RFE international
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS Datasheet
126Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
HZA80W-10R-J-HP RFE-HZA80W-10R-J-HP Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
logo
Token Electronics Indus...
KNP-R TOKEN-KNP-R Datasheet
436Kb / 5P
   Power Wire wound Resistor
logo
TE Connectivity Ltd
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
   HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com