Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVM-TG40NDC1 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-TG40NDC1
Description  1200mm / T9 / G13 LED TUBE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-TG40NDC1 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-TG40NDC1 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-TG40NDC1 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-TG40NDC1 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bright View Electronics
LED TUBE
1200mm / T9 / G13 LED TUBE
■ Packaging
Each carton has 20 tubes.
■ CAUTIONS
1. Voltage
A. Driver the product over the specified voltage rating (264VAC) will damage
the product.
B. Lower than 90VAC the product will not work normally.
C. Use DC source the product may not work normally.
2. Installation
A. For your safety please turn off the power before install the product.
B. Remove the starter from the luminaires. Starter may cause the tube work abnormally.
C. Remover the capacitor from the ballast.
D. This tube is not designed for rapid and instant type ballast. Do not apply the lamp in these luminaires.
3. Storage & Handling
A. The product should be storage in an environment with the relative humidity less than
90% RH (@30 degree C or less).
B. Warranty will be VOID if disassemble the lamp.
C. The priduct is not waterproof. Excess moisture may also damage the product.
Date:2009/08/14
Page:3 of 3
Version-A


Similar Part No. - BVM-TG40NDC1

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-TG20NAD1 BVLED-BVM-TG20NAD1 Datasheet
189Kb / 3P
   580mm / T9 / G13 LED TUBE
BVM-TG21NAD1 BVLED-BVM-TG21NAD1 Datasheet
190Kb / 3P
   590mm / T9 / G13 LED TUBE
BVM-TG50NAC1 BVLED-BVM-TG50NAC1 Datasheet
195Kb / 3P
   1500mm / T9 / G13 LED TUBE
BVM-TG50NAD1 BVLED-BVM-TG50NAD1 Datasheet
195Kb / 3P
   1500mm / T9 / G13 LED TUBE
More results

Similar Description - BVM-TG40NDC1

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-TG21NAD1 BVLED-BVM-TG21NAD1 Datasheet
190Kb / 3P
   590mm / T9 / G13 LED TUBE
BVM-TG50NAD1 BVLED-BVM-TG50NAD1 Datasheet
195Kb / 3P
   1500mm / T9 / G13 LED TUBE
BVM-TG20NAD1 BVLED-BVM-TG20NAD1 Datasheet
189Kb / 3P
   580mm / T9 / G13 LED TUBE
logo
PowerDynamics, Inc
PD-FL-13 POWERDYNAMICS-PD-FL-13 Datasheet
197Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
PD-FL-18-11 POWERDYNAMICS-PD-FL-18-11 Datasheet
248Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
FYT10-3528UW-B-72 FORYARD-FYT10-3528UW-B-72 Datasheet
528Kb / 5P
   T10 LED tube
FYT5-5050UW3-B-35 FORYARD-FYT5-5050UW3-B-35 Datasheet
430Kb / 5P
   T5 LED tube
logo
A-BRIGHT Inc
AB-FT31180WD A-BRIGHT-AB-FT31180WD Datasheet
175Kb / 4P
    LED Fluorescent Tube Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com