Electronic Components Datasheet Search |
|
CI2020A6R8M Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
CI2020A6R8M Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
1 / 1 page 176 ● ● ● ● ● ● ● ● ● ● ● 薄型 SMD インダクタ CI2020A シリーズ NEW Thin SMD Inductor CI2020A Series 単位/Unit : mm ■ 特徴/ Features ●外形寸法図/Outline drawing 推奨はんだ付けパターン The following soldering patterns are recommended for reflow-soldering: 単位/Unit : mm 2.0(L)×2.0(W)×0.8(T)mm ※1 測定条件/Measuring conditions : 100kHz, 25℃ ※2 許容電流は、インダクタンスが初期値より30%低下する直流重畳電流値(at 25℃)/Allowable current respectively is set to a value which is decreased to 30% below each initial value of inductance (at 25℃) ●特性/Characteristics 公称インダクタンス※1 インダクタンス許容差 直流抵抗 許容電流※2 自己共振周波数 Nominal Inductance DC Resistance Allowable Self-resonant Inductance Tolerance Current frequency[Typ] (H) (mΩ) Idc (mA) (MHz) CI2020A1R0M 1.0μ ±20% 100±20% 1600 150 CI2020A1R5M 1.5μ ±20% 145±20% 1330 100 CI2020A2R2M 2.2μ ±20% 210±20% 1140 80 CI2020A3R3M 3.3μ ±20% 280±20% 930 65 CI2020A4R7M 4.7μ ±20% 420±20% 770 55 CI2020A6R8M 6.8μ ±20% 545±20% 670 50 CI2020A100M 10μ ±20% 790±20% 640 40 Types 1. 2.0×2.0×0.8mmの小型・薄型の巻 線タイプです。 2. 鉛フリー対応。 3. RoHS対応。 4. 耐衝撃構造。 1. Winding type, compact and slim model of 2.0 x 2.0 x 0.8 mm (L x W x T). 2. Lead-free type. 3. Complying with the RoHS Directive. 4. Shock resistance structure. ダミー端子 Dummy terminal 接続端子 Connection terminal 2 0.8 2 0.75 0.5 0.75 1 0.4 1 1.792 0.304 0.304 100 10 1 0.1 10 1 100 10000 1000 Current [mA] 4.7 μH 3.3 μH 2.2 μH 1.0 μH 1.5 μH 10 μH 6.8 μH 10 μH 100000 10000 1000 100 10 1 0.1 1 0.1 10 1000 100 Frequency [MHz] 2.2 μH 1.5 μH 1.0 μH 6.8 μH 4.7 μH 3.3 μH ●インダクタンス直流電流重畳特性 ●Inductance DC bias characteristics ●インピーダンス周波数特性 ●Impedance-frequency characteristics |
Similar Part No. - CI2020A6R8M |
|
Similar Description - CI2020A6R8M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |