Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-824-U1N-T Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-824-U1N-T
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-824-U1N-T Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-824-U1N-T Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-824-U1N-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
( 2 ) Electro-optical Characteristics
( Tc=25C )
Symbol Condition MIN
TYP
MAX
Unit
IR
VR=5V
-
-
100
μA
Rj-s
Junction-solder
-
175
-
C/W
Iv
IF=20mA 1480
2130
-
mcd
φV
IF=20mA
-
( 5.9 )
-
lm
*1 In accordance with NIST standard
Ranking (Condition : IF=20mA , Tc=25C)
0
0
Symbol
Rank
MIN
MAX
Unit
Q
2.8
3.0
R
3.0
3.2
S
3.2
3.5
B
1480
1681
C
1681
2275
D
2275
3079
Chromaticity coordinates
( Condition : IF=20mA ,Tc=25C)
x
y
x
y
0.331
0.358
0.347
0.373
0.331
0.373
0.348
0.387
0.348
0.387
0.367
0.402
0.347
0.373
0.364
0.388
0.331
0.358
0.347
0.373
x
y
x
y
0.331
0.338
0.345
0.351
0.331
0.358
0.347
0.373
0.347
0.373
0.364
0.388
0.345
0.351
0.360
0.363
0.331
0.338
0.345
0.351
x
y
x
y
0.331
0.322
0.343
0.331
0.331
0.338
0.345
0.351
0.345
0.351
0.360
0.363
0.343
0.331
0.357
0.341
0.331
0.322
0.343
0.331
Note 1) The tolerance of measurement at our tester is VF±3% , φv±10% , Chromaticity(x,y)±0.01.
Note 2) For handling ,please apply CMOS LSI or equivalent any electrostatic effect.
Approved Checked
Drawn
Symbol
CITILED
2009/7/29
2009/3/3
Mark
Date
70
-
-
General Color
Rendering Index
Ra
IF=20mA
-
CITIZEN ELECTRONICS CO.,LTD.
Description Appro.
Name
CL-824-U1N
Issue of second edition
Drawing No
Issue of first edition
Parameter
Forward Voltage
VF
V
Luminous Flux
Thermal resistance
Luminous Intensity*1
3.2
3.5
V
Reverse Current
Forward Voltage
VF
IF=20mA
2.8
SPECIFICATIONS
Parameter
mcd
Iv
Luminous Intensity
NR3
NR2
Color Rank
NR6
Color Rank
Color Rank
Color Rank
Color Rank
Color Rank
NR4
NR5
NR1
Ref.CE-P494 08/09


Similar Part No. - CL-824-U1N-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-824-U1N-T CITIZEN-CL-824-U1N-T Datasheet
308Kb / 11P
   LED lamp
CL-824-U1N-T CITIZEN-CL-824-U1N-T Datasheet
346Kb / 12P
   LED lamp
CL-824-U1N-T CITIZEN-CL-824-U1N-T_10 Datasheet
346Kb / 12P
   LED lamp
More results

Similar Description - CL-824-U1N-T

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com