Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A117AJ-00 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # A117AJ-00
Description  PNP SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

A117AJ-00 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  A117AJ-00 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
█ 芯片简介
█ 管芯示意图
█ 极限值(T
a=25℃)
(TO-126、TO-126ML)
█ 电参数(T
a=25℃)
(TO-126、TO-126ML)
参数符号
最小值 典型值 最大值
单位
BVCBO
BVCEO
BVEBO
ICBO
hFE
VCE(sat)
VBE
fT
Cob
集电极—基极击穿电压
集电极—发射极击穿电压
发射极—基极击穿电压
集电极—基极截止电流
直流电流增益
集电极—发射极饱和电压
基极—发射极电压
特征频率
共基极输出电容
-180
-160
-5
60
30
140
27
-10
300
-1
-1.5
V
V
V
µA
V
V
MHz
pF
IC=-1mA,IE=0
IC=-10mA,IB=0
IE=-1mA,IC=0
VCB=-160V,IE=0
VCE=-5V,IC=-150mA
VCE=-5V,IC=-500mA
IC=-500mA,IB=-50mA
VCE=-5V,IC=-150mA
VCE=-5V,IC=-150mA
VCB=-10V,IE=0,f=1MHz
PNP
S I L I C O N
T R A N S I S T O R
Tstg——贮存温度…………………………………-55~150℃
Tj——结温…………………………………………… 150℃
PC——集电极功率耗散(Tc=25℃)………………… 20W
PC——集电极功率耗散(TA=25℃)……………………1W
VCBO——集电极—基极电压…………………………-180V
VCEO——集电极—发射极电压………………………-160V
VEBO——发射极—基极电压……………………………-5V
IC——集电极电流………………………………………-1.5A
649A 晶体管芯片说明书
芯片尺寸:4 英寸(100mm)
芯片代码:A117AJ-00
芯片厚度:240±20µm
管芯尺寸:1170×1170µm 2
焊位尺寸:B 极 272×192µm 2;E 极 226×298µm 2
电极金属:铝
背面金属:金
典型封装:2SB649A,HS649A,H649A


Similar Part No. - A117AJ-00

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A11709-01 HAMAMATSU-A11709-01 Datasheet
544Kb / 8P
   Quantum Cascade Laser
A11709-02 HAMAMATSU-A11709-02 Datasheet
544Kb / 8P
   Quantum Cascade Laser
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A1171EEWLT-P ALLEGRO-A1171EEWLT-P Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
More results

Similar Description - A117AJ-00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com